Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 124 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 124 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 120Page - Cirrus Logic WM8994ECS/R Datasheet HTML 121Page - Cirrus Logic WM8994ECS/R Datasheet HTML 122Page - Cirrus Logic WM8994ECS/R Datasheet HTML 123Page - Cirrus Logic WM8994ECS/R Datasheet HTML 124Page - Cirrus Logic WM8994ECS/R Datasheet HTML 125Page - Cirrus Logic WM8994ECS/R Datasheet HTML 126Page - Cirrus Logic WM8994ECS/R Datasheet HTML 127Page - Cirrus Logic WM8994ECS/R Datasheet HTML 128Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 363 page
background image
WM8994
124
Rev 4.6
OUTPUT SIGNAL PATH VOLUME CONTROL
There are six output PGAs - MIXOUTLVOL, MIXOUTRVOL, HPOUT1LVOL, HPOUT1RVOL,
SPKLVOL and SPKRVOL. Each can be independently controlled, with MIXOUTLVOL and
MIXOUTRVOL providing volume control to both the earpiece and line drivers, HPOUT1LVOL and
HPOUT1RVOL to the headphone driver, and SPKLVOL and SPKRVOL to the speaker drivers.
The volume control of each of these output PGAs can be adjusted over a wide range of values. To
minimise pop noise, it is recommended that only the MIXOUTLVOL, MIXOUTRVOL, HPOUT1LVOL,
HPOUT1RVOL, SPKLVOL and SPKRVOL are modified while the output signal path is active. Other
gain controls are provided in the signal paths to provide scaling of signals from different sources, and
to prevent clipping when multiple signals are mixed. However, to prevent pop noise, it is
recommended that those other gain controls should not be modified while the signal path is active.
To prevent "zipper noise", a zero-cross function is provided on the output PGAs. When this feature is
enabled, volume updates will not take place until a zero-crossing is detected. In the case of a long
period without zero-crossings, a timeout function is provided. When the zero-cross function is
enabled, the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout clock is enabled using TOCLK_ENA; the timeout period is set by TOCLK_DIV
. See “Clocking
and Sample Rates
” for more information on these fields.
The mixer output PGA controls are shown in Table 62. The MIXOUT_VU bits control the loading of the
output mixer PGA volume data. When MIXOUT_VU is set to 0, the volume control data will be loaded
into the respective control register, but will not actually change the gain setting. The output mixer PGA
volume settings are both updated when a 1 is written to either MIXOUT_VU bit. This makes it possible
to update the gain of both output paths simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (0020h)
Left OPGA
Volume
8
MIXOUT_VU
N/A
Mixer Output PGA Volume Update
Writing a 1 to this bit will update
MIXOUTLVOL and MIXOUTRVOL
volumes simultaneously.
7
MIXOUTL_ZC
0
MIXOUTLVOL (Left Mixer Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
MIXOUTL_MUTE_N
1
MIXOUTLVOL (Left Mixer Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
MIXOUTL_VOL [5:0]
39h
(0dB)
MIXOUTLVOL (Left Mixer Output
PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 65 for output PGA
volume control range)
R33 (0021h)
Right OPGA
Volume
8
MIXOUT_VU
N/A
Mixer Output PGA Volume Update
Writing a 1 to this bit will update
MIXOUTLVOL and MIXOUTRVOL
volumes simultaneously.
7
MIXOUTR_ZC
0
MIXOUTRVOL (Right Mixer Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
MIXOUTR_MUTE_N
1
MIXOUTLVOL (Right Mixer Output
PGA) Mute
0 = Mute
1 = Un-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com