Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 125 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 125 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 121Page - Cirrus Logic WM8994ECS/R Datasheet HTML 122Page - Cirrus Logic WM8994ECS/R Datasheet HTML 123Page - Cirrus Logic WM8994ECS/R Datasheet HTML 124Page - Cirrus Logic WM8994ECS/R Datasheet HTML 125Page - Cirrus Logic WM8994ECS/R Datasheet HTML 126Page - Cirrus Logic WM8994ECS/R Datasheet HTML 127Page - Cirrus Logic WM8994ECS/R Datasheet HTML 128Page - Cirrus Logic WM8994ECS/R Datasheet HTML 129Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 363 page
background image
WM8994
Rev 4.6
125
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:0
MIXOUTR_VOL [5:0]
39h
(0dB)
MIXOUTRVOL (Right Mixer Output
PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 65 for output PGA
volume control range)
Table 62 Mixer Output PGA (MIXOUTLVOL, MIXOUTRVOL) Control
The headphone output PGA is configurable between two input sources. The default input to each
headphone output PGA is the respective output mixer (MIXOUTL or MIXOUTR). A direct path from
the DAC1L or DAC1R can be selected using the DAC1L_TO_HPOUT1L and DAC1R_TO_HPOUT1R
register bits. When these bits are selected, a DAC to Headphone playback path is possible without
using the output mixers; this offers reduced power consumption by allowing the output mixers to be
disabled in this typical usage case.
The headphone output PGA controls are shown in Table 63. The HPOUT1_VU bits control the loading
of the headphone PGA volume data. When HPOUT1_VU is set to 0, the volume control data will be
loaded into the respective control register, but will not actually change the gain setting. The
headphone PGA volume settings are both updated when a 1 is written to either HPOUT1_VU bit. This
makes it possible to update the gain of both output paths simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R28 (001Ch)
Left Output
Volume
8
HPOUT1_VU
N/A
Headphone Output PGA Volume
Update
Writing a 1 to this bit will update
HPOUT1LVOL and HPOUT1RVOL
volumes simultaneously.
7
HPOUT1L_ZC
0
HPOUT1LVOL (Left Headphone
Output PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
HPOUT1L_MUTE_N
1
HPOUT1LVOL (Left Headphone
Output PGA) Mute
0 = Mute
1 = Un-mute
5:0
HPOUT1L_VOL [5:0]
2Dh
(-12dB)
HPOUT1LVOL (Left Headphone
Output PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 65 for output PGA
volume control range)
R45 (002Dh)
Output Mixer
(1)
8
DAC1L_TO_HPOUT1
L
0
HPOUT1LVOL (Left Headphone
Output PGA) Input Select
0 = MIXOUTL
1 = DAC1L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com