Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 122 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 122 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 118Page - Cirrus Logic WM8994ECS/R Datasheet HTML 119Page - Cirrus Logic WM8994ECS/R Datasheet HTML 120Page - Cirrus Logic WM8994ECS/R Datasheet HTML 121Page - Cirrus Logic WM8994ECS/R Datasheet HTML 122Page - Cirrus Logic WM8994ECS/R Datasheet HTML 123Page - Cirrus Logic WM8994ECS/R Datasheet HTML 124Page - Cirrus Logic WM8994ECS/R Datasheet HTML 125Page - Cirrus Logic WM8994ECS/R Datasheet HTML 126Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 363 page
background image
WM8994
122
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54 (0034h)
Speaker Mixer
9
DAC2L_TO_SPKMIXL
0
Left DAC2 to SPKMIXL Mute
0 = Mute
1 = Un-mute
7
MIXINL_TO_SPKMIXL
0
MIXINL (Left ADC bypass) to
SPKMIXL Mute
0 = Mute
1 = Un-mute
5
IN1LP_TO_SPKMIXL
0
IN1LP to SPKMIXL Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must
be set when using the IN1LP input
to SPKMIXL.
3
MIXOUTL_TO_SPKMIX
L
0
Left Mixer Output to SPKMIXL
Mute
0 = Mute
1 = Un-mute
1
DAC1L_TO_SPKMIXL
0
Left DAC1 to SPKMIXL Mute
0 = Mute
1 = Un-mute
R34 (0022h)
SPKMIXL
Attenuation
6
DAC2L_SPKMIXL_VOL
0
Left DAC2 to SPKMIXL Fine
Volume Control
0 = 0dB
1 = -3dB
5
MIXINL_SPKMIXL_VOL
0
MIXINL (Left ADC bypass) to
SPKMIXL Fine Volume Control
0 = 0dB
1 = -3dB
4
IN1LP_SPKMIXL_VOL
0
IN1LP to SPKMIXL Fine Volume
Control
0 = 0dB
1 = -3dB
3
MIXOUTL_SPKMIXL_V
OL
0
Left Mixer Output to SPKMIXL Fine
Volume Control
0 = 0dB
1 = -3dB
2
DAC1L_SPKMIXL_VOL
0
Left DAC1 to SPKMIXL Fine
Volume Control
0 = 0dB
1 = -3dB
1:0
SPKMIXL_VOL [1:0]
11
Left Speaker Mixer Volume Control
00 = 0dB
01 = -6dB
10 = -12dB
11 = Mute
Table 60 Left Speaker Mixer (SPKMIXL) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com