Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 123 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 123 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 119Page - Cirrus Logic WM8994ECS/R Datasheet HTML 120Page - Cirrus Logic WM8994ECS/R Datasheet HTML 121Page - Cirrus Logic WM8994ECS/R Datasheet HTML 122Page - Cirrus Logic WM8994ECS/R Datasheet HTML 123Page - Cirrus Logic WM8994ECS/R Datasheet HTML 124Page - Cirrus Logic WM8994ECS/R Datasheet HTML 125Page - Cirrus Logic WM8994ECS/R Datasheet HTML 126Page - Cirrus Logic WM8994ECS/R Datasheet HTML 127Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 363 page
background image
WM8994
Rev 4.6
123
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54 (0034h)
Speaker
Mixer
8
DAC2R_TO_SPKMIXR
0
Right DAC2 to SPKMIXR Mute
0 = Mute
1 = Un-mute
6
MIXINR_TO_SPKMIXR
0
MIXINR (Right ADC bypass) to
SPKMIXR Mute
0 = Mute
1 = Un-mute
4
IN1RP_TO_SPKMIXR
0
IN1RP to SPKMIXR Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must
be set when using the IN1RP input
to SPKMIXR.
2
MIXOUTR_TO_SPKMIX
R
0
Right Mixer Output to SPKMIXR
Mute
0 = Mute
1 = Un-mute
0
DAC1R_TO_SPKMIXR
0
Right DAC1 to SPKMIXR Mute
0 = Mute
1 = Un-mute
R35 (0023h)
SPKMIXR
Attenuation
6
DAC2R_SPKMIXR_VOL
0
Right DAC2 to SPKMIXR Fine
Volume Control
0 = 0dB
1 = -3dB
5
MIXINR_SPKMIXR_VOL
0
MIXINR (Right ADC bypass) to
SPKMIXR Fine Volume Control
0 = 0dB
1 = -3dB
4
IN1RP_SPKMIXR_VOL
0
IN1RP to SPKMIXR Fine Volume
Control
0 = 0dB
1 = -3dB
3
MIXOUTR_SPKMIXR_V
OL
0
Right Mixer Output to SPKMIXR
Fine Volume Control
0 = 0dB
1 = -3dB
2
DAC1R_SPKMIXR_VOL
0
Right DAC1 to SPKMIXR Fine
Volume Control
0 = 0dB
1 = -3dB
1:0
SPKMIXR_VOL [1:0]
11
Right Speaker Mixer Volume
Control
00 = 0dB
01 = -6dB
10 = -12dB
11 = Mute
Table 61 Right Speaker Mixer (SPKMIXR) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com