Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 139 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 139 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 135Page - Cirrus Logic WM8994ECS/R Datasheet HTML 136Page - Cirrus Logic WM8994ECS/R Datasheet HTML 137Page - Cirrus Logic WM8994ECS/R Datasheet HTML 138Page - Cirrus Logic WM8994ECS/R Datasheet HTML 139Page - Cirrus Logic WM8994ECS/R Datasheet HTML 140Page - Cirrus Logic WM8994ECS/R Datasheet HTML 141Page - Cirrus Logic WM8994ECS/R Datasheet HTML 142Page - Cirrus Logic WM8994ECS/R Datasheet HTML 143Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 363 page
background image
WM8994
Rev 4.6
139
Writing a logic 1 to DCS_TRIG_SINGLE_n initiates a single DC offset measurement and adjustment
to the a
ssociated output; (‘n’ = 0 for Left channel, 1 for Right channel). This will adjust the DC offset
correction on the selected channel by no more than 1LSB (0.25mV).
Setting DCS_TIMER_PERIOD_01 to a non-zero value will cause a single DC offset measurement and
adjustment to be scheduled on a periodic basis. Periodic rates ranging from every 0.52s to in excess
of 2 hours can be selected.
Writing a logic 1 to DCS_TRIG_SERIES_n initiates a series of DC offset measurements and applies
the necessary correction to the associated output. The number of DC Servo operations performed is
determined by DCS_SERIES_NO_01. A maximum of 128 operations may be selected, though a much
lower value will be sufficient in most applications.
The DC Servo control fields associated with active modes (suitable for use on a signal path that is in
active use) are described in Table 72.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R84 (0054h)
DC Servo (1)
13
DCS_TRIG_SINGLE
_1
0
Writing 1 to this bit selects a
single DC offset correction for
HPOUT1R.
In readback, a value of 1
indicates that the DC Servo
single correction is in progress.
12
DCS_TRIG_SINGLE
_0
0
Writing 1 to this bit selects a
single DC offset correction for
HPOUT1L.
In readback, a value of 1
indicates that the DC Servo
single correction is in progress.
9
DCS_TRIG_SERIES
_1
0
Writing 1 to this bit selects a
series of DC offset corrections
for HPOUT1R.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
8
DCS_TRIG_SERIES
_0
0
Writing 1 to this bit selects a
series of DC offset corrections
for HPOUT1L.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
R85 (0055h)
DC Servo (2)
11:5
DCS_SERIES_NO_
01 [6:0]
010 1010
Number of DC Servo updates to
perform in a series event.
0 = 1 update
1 = 2 updates
...
127 = 128 updates
3:0
DCS_TIMER_PERI
OD_01 [3:0]
1010
Time between periodic updates.
Time is calculated as
0.251s x (2^PERIOD),
where PERIOD =
DCS_TIMER_PERIOD_01.
0000 = Off
0001 = 0.502s
….
1010 = 257s (4min 17s)
1111 = 8225s (2hr 17min)
Table 72 DC Servo Active Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com