Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 143 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 143 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 139Page - Cirrus Logic WM8994ECS/R Datasheet HTML 140Page - Cirrus Logic WM8994ECS/R Datasheet HTML 141Page - Cirrus Logic WM8994ECS/R Datasheet HTML 142Page - Cirrus Logic WM8994ECS/R Datasheet HTML 143Page - Cirrus Logic WM8994ECS/R Datasheet HTML 144Page - Cirrus Logic WM8994ECS/R Datasheet HTML 145Page - Cirrus Logic WM8994ECS/R Datasheet HTML 146Page - Cirrus Logic WM8994ECS/R Datasheet HTML 147Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 363 page
background image
WM8994
Rev 4.6
143
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R34 (0022h)
SPKMIXL
Attenuation
8
SPKAB_REF_SEL
0
Selects Reference for Speaker in
Class AB mode
0 = SPKVDD/2
1 = VMID
R1825
(0721h)
Pull Control
(2)
1
SPKMODE_PU
1
SPKMODE Pull-up enable
0 = Disabled
1 = Enabled
Table 74 Speaker Mode and Boost Control
Clocking of the Class D output driver is derived from SYSCLK. The clocking frequency division is
configured automatically, according to the AIFn_SR and AIFnCLK_RATE registers.
(See “Clocking
and Sample Rates
” for further details of the system clocks and control registers.)
The Class D switching clock is enabled whenever SPKOUTL_ENA or SPKOUTR_ENA is set,
provided also that SPKOUT_CLASSAB = 0. The frequency is as described in Table 75.
When AIF1CLK is selected as the SYSCLK source (SYSCLK_SRC = 0), then the Class D clock
frequency is controlled by the AIF1_SR and AIF1CLK_RATE registers.
When AIF2CLK is selected as the SYSCLK source (SYSCLK_SRC = 1), then the Class D clock
frequency is controlled by the AIF2_SR and AIF2CLK_RATE registers.
Note that the applicable clocks (SYSCLK, AIF1CLK or AIF2CLK) must be present and enabled when
using the speaker outputs in Class D mode.
SAMPLE
RATE (kHz)
SYSCLK RATE (AIFnCLK / fs ratio)
128
192
256
384
512
768
1024
1536
8
256
256
341.3
256
341.3
256
341.3
256
11.025
352.8
352.8
352.8
352.8
352.8
352.8
352.8
12
384
384
384
384
384
384
384
16
341.3
384
341.3
384
341.3
384
22.05
352.8
352.8
352.8
352.8
352.8
24
384
384
384
384
384
32
341.3
384
341.3
384
44.1
352.8
352.8
352.8
48
384
384
384
88.2
352.8
96
384
Table 75 Class D Switching Frequency (kHz)
HEADPHONE OUTPUT CONFIGURATIONS
The headphone outputs HPOUT1L and HPOUT1R are driven by the headphone output PGAs
HPOUT1LVOL and HPOUT1RVOL. Each PGA has its own dedicated volume control, as described in
the
“Analogue Output Signal Path” section. The input to these PGAs can be either the output mixers
MIXOUTL and MIXOUTR or the direct DAC1 outputs DAC1L and DAC1R.
The headphone output driver is capable of driving up to 30mW into a 16
Ω load or 25mW into a 32Ω
load such as a stereo headset or headphones. The outputs are ground-referenced, eliminating any
requirement for AC coupling capacitors. This is achieved by having separate positive and negative
supply rails powered by an on-chip charge pump. A DC Servo circuit removes any DC offset from the
headphone outputs, suppressing
‘pop’ noise and minimising power consumption. The Charge Pump
and DC Servo are described separately (see “Charge Pump” and “DC Servo” respectively).
It is recommended to connect a zobel network to the headphone output pins HPOUT1L and
HPOUT1R for best audio performance in all applications. The components of the zobel network have
the effect of dampening high frequency oscillations or instabilities that can arise outside the audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com