Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 145 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 145 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 141Page - Cirrus Logic WM8994ECS/R Datasheet HTML 142Page - Cirrus Logic WM8994ECS/R Datasheet HTML 143Page - Cirrus Logic WM8994ECS/R Datasheet HTML 144Page - Cirrus Logic WM8994ECS/R Datasheet HTML 145Page - Cirrus Logic WM8994ECS/R Datasheet HTML 146Page - Cirrus Logic WM8994ECS/R Datasheet HTML 147Page - Cirrus Logic WM8994ECS/R Datasheet HTML 148Page - Cirrus Logic WM8994ECS/R Datasheet HTML 149Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 363 page
background image
WM8994
Rev 4.6
145
Typical applications for the line outputs (single-ended or differential) are:
Handset or headset microphone output to external voice CODEC
Stereo line output
Output to external speaker driver(s) to support additional loudspeakers
When single-ended mode is selected for either LINEOUT1 or LINEOUT2, a buffered VMID must be
enabled as a reference for the outputs. This is enabled by setting the LINEOUT_VMID_BUF_ENA bit
as defined in Table 76.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (0038h)
AntiPOP (1)
7
LINEOUT_VMID_BUF_E
NA
0
Enables VMID reference for line
outputs in single-ended mode
0 = Disabled
1 = Enabled
Table 76 LINEOUT VMID Buffer for Single-Ended Operation
Some example line output configurations are listed and illustrated below.
Differential line output from Mic/Line input on IN1L PGA
Differential line output from Mic/Line input on IN1R PGA
Stereo differential line output from output mixers MIXOUTL and MIXOUTR
Stereo single-ended line output from output mixer to either LINEOUT1 or LINEOUT2
Mono single-ended line output from output mixer
LINEOUT1N
LINEOUT1P
+
LINEOUT1NMIX
LINEOUT1PMIX
MIXOUTLVOL
MIXOUTRVOL
Min = -57dB
Max = +6dB
Step = 1dB
Min = -57dB
Max = +6dB
Step = 1dB
0dB or -6dB
0dB or -6dB
LINEOUT2N
LINEOUT2P
+
LINEOUT2NMIX
LINEOUT2PMIX
0dB or -6dB
0dB or -6dB
+
+
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTLVOL
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTRVOL
IN1L
IN1R
IN1L
IN1R
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
LINEOUT1N_MUTE=0, LINEOUT1P_MUTE=0
LINEOUT2N_MUTE=0, LINEOUT2P_MUTE=0
LINEOUT1_MODE=0
LINEOUT2_MODE=0
IN1L_TO_LINEOUT1P=1
IN1R_TO_LINEOUT2P=1
LINEOUT1N
LINEOUT1P
+
LINEOUT1NMIX
LINEOUT1PMIX
MIXOUTLVOL
MIXOUTRVOL
Min = -57dB
Max = +6dB
Step = 1dB
Min = -57dB
Max = +6dB
Step = 1dB
0dB or -6dB
0dB or -6dB
LINEOUT2N
LINEOUT2P
+
LINEOUT2NMIX
LINEOUT2PMIX
0dB or -6dB
0dB or -6dB
+
+
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTLVOL
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTRVOL
IN1L
IN1R
IN1L
IN1R
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
LINEOUT1N_MUTE=0, LINEOUT1P_MUTE=0
LINEOUT2N_MUTE=0, LINEOUT2P_MUTE=0
LINEOUT1_MODE=0
LINEOUT2_MODE=0
IN1R_TO_LINEOUT1P=1
IN1L_TO_LINEOUT2P=1
Figure 37 Differential Line Out from input PGA
IN1L (to LINEOUT1) and IN1R (to LINEOUT2)
Figure 38 Differential Line Out from input PGA
IN1R (to LINEOUT1) and IN1L (to LINEOUT2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com