Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 302 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 302 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 298Page - Cirrus Logic WM8994ECS/R Datasheet HTML 299Page - Cirrus Logic WM8994ECS/R Datasheet HTML 300Page - Cirrus Logic WM8994ECS/R Datasheet HTML 301Page - Cirrus Logic WM8994ECS/R Datasheet HTML 302Page - Cirrus Logic WM8994ECS/R Datasheet HTML 303Page - Cirrus Logic WM8994ECS/R Datasheet HTML 304Page - Cirrus Logic WM8994ECS/R Datasheet HTML 305Page - Cirrus Logic WM8994ECS/R Datasheet HTML 306Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 363 page
background image
WM8994
302
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1058
(0422h) AIF1
DAC2 Filters
(1)
9
AIF1DAC2_MUT
E
1
AIF1DAC2 input path (AIF1, Timeslot 1) Soft Mute Control
0 = Un-mute
1 = Mute
7
AIF1DAC2_MO
NO
0
AIF1DAC2 input path (AIF1, Timeslot 1) Mono Mix Control
0 = Disabled
1 = Enabled
5
AIF1DAC2_MUT
ERATE
0
AIF1DAC2 input path (AIF1, Timeslot 1) Soft Mute Ramp
Rate
0 = Fast ramp (fs/2, maximum ramp time is 10.7ms at
fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is 171ms at
fs=48k)
(Note: ramp rate scales with sample rate.)
4
AIF1DAC2_UN
MUTE_RAMP
0
AIF1DAC2 input path (AIF1, Timeslot 1) Unmute Ramp
select
0 = Disabling soft-mute (AIF1DAC2_MUTE=0) will cause
the volume to change immediately to AIF1DAC2L_VOL and
AIF1DAC2R_VOL settings
1 = Disabling soft-mute (AIF1DAC2_MUTE=0) will cause
the DAC volume to ramp up gradually to the
AIF1DAC2L_VOL and AIF1DAC2R_VOL settings
2:1
AIF1DAC2_DEE
MP [1:0]
00
AIF1DAC2 input path (AIF1, Timeslot 1) De-Emphasis
Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
Register 0422h AIF1 DAC2 Filters (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1059
(0423h) AIF1
DAC2 Filters
(2)
13:9
AIF1DAC2_3D_
GAIN [4:0]
0_0000
AIF1DAC2 playback path (AIF1, Timeslot 1) 3D Stereo
depth
00000 = Off
00001 = Minimum (-16dB)
…(0.915dB steps)
11111 = Maximum (+11.45dB)
8
AIF1DAC2_3D_
ENA
0
Enable 3D Stereo in AIF1DAC2 playback path (AIF1,
Timeslot 1)
0 = Disabled
1 = Enabled
Register 0423h AIF1 DAC2 Filters (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com