Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 299 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 299 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 295Page - Cirrus Logic WM8994ECS/R Datasheet HTML 296Page - Cirrus Logic WM8994ECS/R Datasheet HTML 297Page - Cirrus Logic WM8994ECS/R Datasheet HTML 298Page - Cirrus Logic WM8994ECS/R Datasheet HTML 299Page - Cirrus Logic WM8994ECS/R Datasheet HTML 300Page - Cirrus Logic WM8994ECS/R Datasheet HTML 301Page - Cirrus Logic WM8994ECS/R Datasheet HTML 302Page - Cirrus Logic WM8994ECS/R Datasheet HTML 303Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 363 page
background image
WM8994
Rev 4.6
299
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1028
(0404h) AIF1
ADC2 Left
Volume
8
AIF1ADC2_VU
0
AIF1ADC2 output path (AIF1, Timeslot 1) Volume Update
Writing a 1 to this bit will cause the AIF1ADC2L and
AIF1ADC2R volume to be updated simultaneously
7:0
AIF1ADC2L_VO
L [7:0]
1100_0000
AIF1ADC2 (Left) output path (AIF1, Timeslot 1) Digital
Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
Register 0404h AIF1 ADC2 Left Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1029
(0405h) AIF1
ADC2 Right
Volume
8
AIF1ADC2_VU
0
AIF1ADC2 output path (AIF1, Timeslot 1) Volume Update
Writing a 1 to this bit will cause the AIF1ADC2L and
AIF1ADC2R volume to be updated simultaneously
7:0
AIF1ADC2R_VO
L [7:0]
1100_0000
AIF1ADC2 (Right) output path (AIF1, Timeslot 1) Digital
Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
Register 0405h AIF1 ADC2 Right Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1030
(0406h) AIF1
DAC2 Left
Volume
8
AIF1DAC2_VU
0
AIF1DAC2 input path (AIF1, Timeslot 1) Volume Update
Writing a 1 to this bit will cause the AIF1DAC2L and
AIF1DAC2R volume to be updated simultaneously
7:0
AIF1DAC2L_VO
L [7:0]
1100_0000
AIF1DAC2 (Left) input path (AIF1, Timeslot 1) Digital
Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
Register 0406h AIF1 DAC2 Left Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com