Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 295 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 295 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 291Page - Cirrus Logic WM8994ECS/R Datasheet HTML 292Page - Cirrus Logic WM8994ECS/R Datasheet HTML 293Page - Cirrus Logic WM8994ECS/R Datasheet HTML 294Page - Cirrus Logic WM8994ECS/R Datasheet HTML 295Page - Cirrus Logic WM8994ECS/R Datasheet HTML 296Page - Cirrus Logic WM8994ECS/R Datasheet HTML 297Page - Cirrus Logic WM8994ECS/R Datasheet HTML 298Page - Cirrus Logic WM8994ECS/R Datasheet HTML 299Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 363 page
background image
WM8994
Rev 4.6
295
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1 = TDM enabled on DACDAT2
12
AIF2DAC_TDM_
CHAN
0
AIF2 receive (DAC) TDM Slot Select
0 = Slot 0
1 = Slot 1
11:10
AIF2DAC_BOO
ST [1:0]
00
AIF2 Input Path Boost
00 = 0dB
01 = +6dB (input must not exceed -6dBFS)
10 = +12dB (input must not exceed -12dBFS)
11 = +18dB (input must not exceed -18dBFS)
8
AIF2_MONO
0
AIF2 DSP Mono Mode
0 = Disabled
1 = Enabled
Note that Mono Mode is only supported when AIF2_FMT =
11. The number of BCLK cycles per LRCLK frame must be
less the 2 x AIF2 Word Length.
4
AIF2DAC_COM
P
0
AIF2 Receive Companding Enable
0 = Disabled
1 = Enabled
3
AIF2DAC_COM
PMODE
0
AIF2 Receive Companding Type
0 = µ-law
1 = A-law
2
AIF2ADC_COM
P
0
AIF2 Transmit Companding Enable
0 = Disabled
1 = Enabled
1
AIF2ADC_COM
PMODE
0
AIF2 Transmit Companding Type
0 = µ-law
1 = A-law
0
AIF2_LOOPBAC
K
0
AIF2 Digital Loopback Function
0 = No loopback
1 = Loopback enabled (ADCDAT2 data output is directly
input to DACDAT2 data input).
Register 0311h AIF2 Control (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R786 (0312h)
AIF2
Master/Slave
15
AIF2_TRI
0
AIF2 Audio Interface tri-state
0 = AIF2 pins operate normally
1 = Tri-state all AIF2 interface pins
Note that pins not configured as AIF2 functions are not
affected by this register.
14
AIF2_MSTR
0
AIF2 Audio Interface Master Mode Select
0 = Slave mode
1 = Master mode
13
AIF2_CLK_FRC
0
Forces BCLK2, LRCLK2 and ADCLRCLK2 to be enabled
when all AIF2 audio channels are disabled.
0 = Normal
1 = BCLK2, LRCLK2 and ADCLRCLK2 always enabled in
Master mode
12
AIF2_LRCLK_F
RC
0
Forces LRCLK2 and ADCLRCLK2 to be enabled when all
AIF2 audio channels are disabled.
0 = Normal
1 = LRCLK2 and ADCLRCLK2 always enabled in Master
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com