Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 291 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 291 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 287Page - Cirrus Logic WM8994ECS/R Datasheet HTML 288Page - Cirrus Logic WM8994ECS/R Datasheet HTML 289Page - Cirrus Logic WM8994ECS/R Datasheet HTML 290Page - Cirrus Logic WM8994ECS/R Datasheet HTML 291Page - Cirrus Logic WM8994ECS/R Datasheet HTML 292Page - Cirrus Logic WM8994ECS/R Datasheet HTML 293Page - Cirrus Logic WM8994ECS/R Datasheet HTML 294Page - Cirrus Logic WM8994ECS/R Datasheet HTML 295Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 363 page
background image
WM8994
Rev 4.6
291
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
LRCLK1 rising edge (mode B)
6:5
AIF1_WL [1:0]
10
AIF1 Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - 8-bit modes can be selected using the
“Companding”
control bits.
4:3
AIF1_FMT [1:0]
10
AIF1 Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I2S Format
11 = DSP Mode
Register 0300h AIF1 Control (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R769 (0301h)
AIF1 Control
(2)
15
AIF1DACL_SRC
0
AIF1 Left Receive Data Source Select
0 = Left DAC receives left interface data
1 = Left DAC receives right interface data
14
AIF1DACR_SR
C
1
AIF1 Right Receive Data Source Select
0 = Right DAC receives left interface data
1 = Right DAC receives right interface data
11:10
AIF1DAC_BOO
ST [1:0]
00
AIF1 Input Path Boost
00 = 0dB
01 = +6dB (input must not exceed -6dBFS)
10 = +12dB (input must not exceed -12dBFS)
11 = +18dB (input must not exceed -18dBFS)
8
AIF1_MONO
0
AIF1 DSP Mono Mode
0 = Disabled
1 = Enabled
Note that Mono Mode is only supported when AIF1_FMT =
11. The number of BCLK cycles per LRCLK frame must be
less the 2 x AIF1 Word Length.
4
AIF1DAC_COM
P
0
AIF1 Receive Companding Enable
0 = Disabled
1 = Enabled
3
AIF1DAC_COM
PMODE
0
AIF1 Receive Companding Type
0 = µ-law
1 = A-law
2
AIF1ADC_COM
P
0
AIF1 Transmit Companding Enable
0 = Disabled
1 = Enabled
1
AIF1ADC_COM
PMODE
0
AIF1 Transmit Companding Type
0 = µ-law
1 = A-law
0
AIF1_LOOPBAC
K
0
AIF1 Digital Loopback Function
0 = No loopback
1 = Loopback enabled (ADCDAT1 data output is directly
input to DACDAT1 data input).
Register 0301h AIF1 Control (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com