Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 294 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 294 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 290Page - Cirrus Logic WM8994ECS/R Datasheet HTML 291Page - Cirrus Logic WM8994ECS/R Datasheet HTML 292Page - Cirrus Logic WM8994ECS/R Datasheet HTML 293Page - Cirrus Logic WM8994ECS/R Datasheet HTML 294Page - Cirrus Logic WM8994ECS/R Datasheet HTML 295Page - Cirrus Logic WM8994ECS/R Datasheet HTML 296Page - Cirrus Logic WM8994ECS/R Datasheet HTML 297Page - Cirrus Logic WM8994ECS/R Datasheet HTML 298Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 363 page
background image
WM8994
294
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R784 (0310h)
AIF2 Control
(1)
15
AIF2ADCL_SRC
0
AIF2 Left Digital Audio interface source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
14
AIF2ADCR_SR
C
1
AIF2 Right Digital Audio interface source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right channel
13
AIF2ADC_TDM
0
AIF2 transmit (ADC) TDM Enable
0 = Normal ADCDAT2 operation
1 = TDM enabled on ADCDAT2
12
AIF2ADC_TDM_
CHAN
0
AIF2 transmit (ADC) TDM Slot Select
0 = Slot 0
1 = Slot 1
8
AIF2_BCLK_INV
0
BCLK2 Invert
0 = BCLK2 not inverted
1 = BCLK2 inverted
Note that AIF2_BCLK_INV selects the BCLK2 polarity in
Master mode and in Slave mode.
7
AIF2_LRCLK_IN
V
0
Right, left and I2S modes
– LRCLK2 polarity
0 = normal LRCLK2 polarity
1 = invert LRCLK2 polarity
Note that AIF2_LRCLK_INV selects the LRCLK2 polarity in
Master mode and in Slave mode.
DSP Mode
– mode A/B select
0 = MSB is available on 2nd BCLK2 rising edge after
LRCLK2 rising edge (mode A)
1 = MSB is available on 1st BCLK2 rising edge after
LRCLK2 rising edge (mode B)
6:5
AIF2_WL [1:0]
10
AIF2 Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - 8-
bit modes can be selected using the “Companding”
control bits.
4:3
AIF2_FMT [1:0]
10
AIF2 Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I2S Format
11 = DSP Mode
Register 0310h AIF2 Control (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R785 (0311h)
AIF2 Control
(2)
15
AIF2DACL_SRC
0
AIF2 Left Receive Data Source Select
0 = Left DAC receives left interface data
1 = Left DAC receives right interface data
14
AIF2DACR_SR
C
1
AIF2 Right Receive Data Source Select
0 = Right DAC receives left interface data
1 = Right DAC receives right interface data
13
AIF2DAC_TDM
0
AIF2 receive (DAC) TDM Enable
0 = Normal DACDAT2 operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com