Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 290 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 290 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 286Page - Cirrus Logic WM8994ECS/R Datasheet HTML 287Page - Cirrus Logic WM8994ECS/R Datasheet HTML 288Page - Cirrus Logic WM8994ECS/R Datasheet HTML 289Page - Cirrus Logic WM8994ECS/R Datasheet HTML 290Page - Cirrus Logic WM8994ECS/R Datasheet HTML 291Page - Cirrus Logic WM8994ECS/R Datasheet HTML 292Page - Cirrus Logic WM8994ECS/R Datasheet HTML 293Page - Cirrus Logic WM8994ECS/R Datasheet HTML 294Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 363 page
background image
WM8994
290
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R580 (0244h)
FLL2 Control
(5)
12:7
FLL2_FRC_NC
O_VAL [5:0]
01_1001
FLL2 Forced oscillator value
Valid range is 000000 to 111111
0x19h (011001) = 12MHz approx
(Note that this field is required for free-running FLL modes
only)
6
FLL2_FRC_NC
O
0
FLL2 Forced control select
0 = Normal
1 = FLL2 oscillator controlled by FLL2_FRC_NCO_VAL
(Note that this field is required for free-running FLL modes
only)
4:3
FLL2_REFCLK_
DIV [1:0]
00
FLL2 Clock Reference Divider
00 = MCLK / 1
01 = MCLK / 2
10 = MCLK / 4
11 = MCLK / 8
MCLK (or other input reference) must be divided down to
<=13.5MHz.
For lower power operation, the reference clock can be
divided down further if desired.
1:0
FLL2_REFCLK_
SRC [1:0]
00
FLL2 Clock source
00 = MCLK1
01 = MCLK2
10 = LRCLK2
11 = BCLK2
Register 0244h FLL2 Control (5)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R768 (0300h)
AIF1 Control
(1)
15
AIF1ADCL_SRC
0
AIF1 Left Digital Audio interface source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
14
AIF1ADCR_SR
C
1
AIF1 Right Digital Audio interface source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right channel
13
AIF1ADC_TDM
0
AIF1 transmit (ADC) TDM Control
0 = ADCDAT1
drives logic ‘0’ when not transmitting data
1 = ADCDAT1 is tri-stated when not transmitting data
8
AIF1_BCLK_INV
0
BCLK1 Invert
0 = BCLK1 not inverted
1 = BCLK1 inverted
Note that AIF1_BCLK_INV selects the BCLK1 polarity in
Master mode and in Slave mode.
7
AIF1_LRCLK_IN
V
0
Right, left and I2S modes
– LRCLK1 polarity
0 = normal LRCLK1 polarity
1 = invert LRCLK1 polarity
Note that AIF1_LRCLK_INV selects the LRCLK1 polarity in
Master mode and in Slave mode.
DSP Mode
– mode A/B select
0 = MSB is available on 2nd BCLK1 rising edge after
LRCLK1 rising edge (mode A)
1 = MSB is available on 1st BCLK1 rising edge after



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com