Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 289 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 289 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 285Page - Cirrus Logic WM8994ECS/R Datasheet HTML 286Page - Cirrus Logic WM8994ECS/R Datasheet HTML 287Page - Cirrus Logic WM8994ECS/R Datasheet HTML 288Page - Cirrus Logic WM8994ECS/R Datasheet HTML 289Page - Cirrus Logic WM8994ECS/R Datasheet HTML 290Page - Cirrus Logic WM8994ECS/R Datasheet HTML 291Page - Cirrus Logic WM8994ECS/R Datasheet HTML 292Page - Cirrus Logic WM8994ECS/R Datasheet HTML 293Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 363 page
background image
WM8994
Rev 4.6
289
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R576 (0240h)
FLL2 Control
(1)
1
FLL2_OSC_EN
A
0
FLL2 Oscillator enable
0 = Disabled
1 = Enabled
(Note that this field is required for free-running FLL2 modes
only)
0
FLL2_ENA
0
FLL2 Enable
0 = Disabled
1 = Enabled
This should be set as the final step of the FLL1 enable
sequence, ie. after the other FLL registers have been
configured.
Register 0240h FLL2 Control (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R577 (0241h)
FLL2 Control
(2)
13:8
FLL2_OUTDIV
[5:0]
00_0000
FLL2 FOUT clock divider
000000 = Reserved
000001 = Reserved
000010 = Reserved
000011 = 4
000100 = 5
000101 = 6
…
111110 = 63
111111 = 64
(FOUT = FVCO / FLL2_OUTDIV)
2:0
FLL2_FRATIO
[2:0]
000
FLL2 FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
Register 0241h FLL2 Control (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R578 (0242h)
FLL2 Control
(3)
15:0
FLL2_K [15:0]
0000_0000
_0000_000
0
FLL2 Fractional multiply for FREF
(MSB = 0.5)
Register 0242h FLL2 Control (3)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R579 (0243h)
FLL2 Control
(4)
14:5
FLL2_N [9:0]
00_0000_0
000
FLL2 Integer multiply for FREF
(LSB = 1)
Register 0243h FLL2 Control (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com