Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 285 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 285 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 281Page - Cirrus Logic WM8994ECS/R Datasheet HTML 282Page - Cirrus Logic WM8994ECS/R Datasheet HTML 283Page - Cirrus Logic WM8994ECS/R Datasheet HTML 284Page - Cirrus Logic WM8994ECS/R Datasheet HTML 285Page - Cirrus Logic WM8994ECS/R Datasheet HTML 286Page - Cirrus Logic WM8994ECS/R Datasheet HTML 287Page - Cirrus Logic WM8994ECS/R Datasheet HTML 288Page - Cirrus Logic WM8994ECS/R Datasheet HTML 289Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 363 page
background image
WM8994
Rev 4.6
285
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R521 (0209h)
Clocking (2)
10:8
TOCLK_DIV
[2:0]
000
Slow Clock (TOCLK ) Divider
(Sets TOCLK rate relative to 256kHz.)
000 = Divide by 256 (1kHz)
001 = Divide by 512 (500Hz)
010 = Divide by 1024 (250Hz)
011 = Divide by 2048 (125Hz)
100 = Divide by 4096 (62.5Hz)
101 = Divide by 8192 (31.2Hz)
110 = Divide by 16384 (15.6Hz)
111 = Divide by 32768 (7.8Hz)
6:4
DBCLK_DIV
[2:0]
000
De-bounce Clock (DBCLK) Divider
(Sets DBCLK rate relative to 256kHz.)
000 = Divide by 256 (1kHz)
001 = Divide by 2048 (125Hz)
010 = Divide by 4096 (62.5Hz)
011 = Divide by 8192 (31.2Hz)
100 = Divide by 16384 (15.6Hz)
101 = Divide by 32768 (7.8Hz)
110 = Divide by 65536 (3.9Hz)
111 = Divide by 131072 (1.95Hz)
2:0
OPCLK_DIV
[2:0]
000
GPIO Output Clock (OPCLK) Divider
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
Register 0209h Clocking (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R528 (0210h)
AIF1 Rate
7:4
AIF1_SR [3:0]
1000
Selects the AIF1 Sample Rate (fs)
0000 = 8kHz
0001 = 11.025kHz
0010 = 12kHz
0011 = 16kHz
0100 = 22.05kHz
0101 = 24kHz
0110 = 32kHz
0111 = 44.1kHz
1000 = 48kHz
1001 = 88.2kHz
1010 = 96kHz
All other codes = Reserved
Note that 88.2kHz and 96kHz modes are supported for
AIF1 input (DAC playback) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com