Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 283 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 283 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 279Page - Cirrus Logic WM8994ECS/R Datasheet HTML 280Page - Cirrus Logic WM8994ECS/R Datasheet HTML 281Page - Cirrus Logic WM8994ECS/R Datasheet HTML 282Page - Cirrus Logic WM8994ECS/R Datasheet HTML 283Page - Cirrus Logic WM8994ECS/R Datasheet HTML 284Page - Cirrus Logic WM8994ECS/R Datasheet HTML 285Page - Cirrus Logic WM8994ECS/R Datasheet HTML 286Page - Cirrus Logic WM8994ECS/R Datasheet HTML 287Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 363 page
background image
WM8994
Rev 4.6
283
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R513 (0201h)
AIF1
Clocking (2)
5:3
AIF1DAC_DIV
[2:0]
000
Selects the AIF1 input path sample rate relative to the AIF1
output path sample rate.
This field should only be changed from default in modes
where the AIF1 input path sample rate is slower than the
AIF1 output path sample rate.
000 = Divide by 1
001 = Divide by 1.5
010 = Divide by 2
011 = Divide by 3
100 = Divide by 4
101 = Divide by 5.5
110 = Divide by 6
111 = Reserved
2:0
AIF1ADC_DIV
[2:0]
000
Selects the AIF1 output path sample rate relative to the
AIF1 input path sample rate.
This field should only be changed from default in modes
where the AIF1 output path sample rate is slower than the
AIF1 input path sample rate.
000 = Divide by 1
001 = Divide by 1.5
010 = Divide by 2
011 = Divide by 3
100 = Divide by 4
101 = Divide by 5.5
110 = Divide by 6
111 = Reserved
Register 0201h AIF1 Clocking (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R516 (0204h)
AIF2
Clocking (1)
4:3
AIF2CLK_SRC
[1:0]
00
AIF2CLK Source Select
00 = MCLK1
01 = MCLK2
10 = FLL1
11 = FLL2
2
AIF2CLK_INV
0
AIF2CLK Invert
0 = AIF2CLK not inverted
1 = AIF2CLK inverted
1
AIF2CLK_DIV
0
AIF2CLK Divider
0 = AIF2CLK
1 = AIF2CLK / 2
0
AIF2CLK_ENA
0
AIF2CLK Enable
0 = Disabled
1 = Enabled
Register 0204h AIF2 Clocking (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com