Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 279 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 279 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 275Page - Cirrus Logic WM8994ECS/R Datasheet HTML 276Page - Cirrus Logic WM8994ECS/R Datasheet HTML 277Page - Cirrus Logic WM8994ECS/R Datasheet HTML 278Page - Cirrus Logic WM8994ECS/R Datasheet HTML 279Page - Cirrus Logic WM8994ECS/R Datasheet HTML 280Page - Cirrus Logic WM8994ECS/R Datasheet HTML 281Page - Cirrus Logic WM8994ECS/R Datasheet HTML 282Page - Cirrus Logic WM8994ECS/R Datasheet HTML 283Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 363 page
background image
WM8994
Rev 4.6
279
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R84 (54h) DC
Servo (1)
13
DCS_TRIG_SIN
GLE_1
0
Writing 1 to this bit selects a single DC offset correction for
HPOUT1R.
In readback, a value of 1 indicates that the DC Servo single
correction is in progress.
12
DCS_TRIG_SIN
GLE_0
0
Writing 1 to this bit selects a single DC offset correction for
HPOUT1L.
In readback, a value of 1 indicates that the DC Servo single
correction is in progress.
9
DCS_TRIG_SE
RIES_1
0
Writing 1 to this bit selects a series of DC offset corrections
for HPOUT1R.
In readback, a value of 1 indicates that the DC Servo DAC
Write correction is in progress.
8
DCS_TRIG_SE
RIES_0
0
Writing 1 to this bit selects a series of DC offset corrections
for HPOUT1L.
In readback, a value of 1 indicates that the DC Servo DAC
Write correction is in progress.
5
DCS_TRIG_STA
RTUP_1
0
Writing 1 to this bit selects Start-Up DC Servo mode for
HPOUT1R.
In readback, a value of 1 indicates that the DC Servo Start-
Up correction is in progress.
4
DCS_TRIG_STA
RTUP_0
0
Writing 1 to this bit selects Start-Up DC Servo mode for
HPOUT1L.
In readback, a value of 1 indicates that the DC Servo Start-
Up correction is in progress.
3
DCS_TRIG_DA
C_WR_1
0
Writing 1 to this bit selects DAC Write DC Servo mode for
HPOUT1R.
In readback, a value of 1 indicates that the DC Servo DAC
Write correction is in progress.
2
DCS_TRIG_DA
C_WR_0
0
Writing 1 to this bit selects DAC Write DC Servo mode for
HPOUT1L.
In readback, a value of 1 indicates that the DC Servo DAC
Write correction is in progress.
1
DCS_ENA_CHA
N_1
0
DC Servo enable for HPOUT1R
0 = Disabled
1 = Enabled
0
DCS_ENA_CHA
N_0
0
DC Servo enable for HPOUT1L
0 = Disabled
1 = Enabled
Register 54h DC Servo (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R85 (55h) DC
Servo (2)
11:5
DCS_SERIES_
NO_01 [6:0]
010_1010
Number of DC Servo updates to perform in a series event.
0 = 1 update
1 = 2 updates
...
127 = 128 updates
3:0
DCS_TIMER_P
ERIOD_01 [3:0]
1010
Time between periodic updates. Time is calculated as
0.251s x (2^PERIOD),
where PERIOD = DCS_TIMER_PERIOD_01.
0000 = Off
0001 = 0.502s
….
1010 = 257s (4min 17s)
1111 = 8225s (2hr 17min)
Register 55h DC Servo (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com