Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 276 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 276 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 272Page - Cirrus Logic WM8994ECS/R Datasheet HTML 273Page - Cirrus Logic WM8994ECS/R Datasheet HTML 274Page - Cirrus Logic WM8994ECS/R Datasheet HTML 275Page - Cirrus Logic WM8994ECS/R Datasheet HTML 276Page - Cirrus Logic WM8994ECS/R Datasheet HTML 277Page - Cirrus Logic WM8994ECS/R Datasheet HTML 278Page - Cirrus Logic WM8994ECS/R Datasheet HTML 279Page - Cirrus Logic WM8994ECS/R Datasheet HTML 280Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 363 page
background image
WM8994
276
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R55 (37h)
Additional
Control
7
LINEOUT1_FB
0
Enable ground loop noise feedback on LINEOUT1
0 = Disabled
1 = Enabled
6
LINEOUT2_FB
0
Enable ground loop noise feedback on LINEOUT2
0 = Disabled
1 = Enabled
0
VROI
0
Buffered VMID to Analogue Line Output Resistance
(Disabled Outputs)
0 = 20k
 from buffered VMID to output
1 = 500
 from buffered VMID to output
Register 37h Additional Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R56 (38h)
AntiPOP (1)
7
LINEOUT_VMID
_BUF_ENA
0
Enables VMID reference for line outputs in single-ended
mode
0 = Disabled
1 = Enabled
6
HPOUT2_IN_EN
A
0
HPOUT2MIX Mixer and Input Stage Enable
0 = Disabled
1 = Enabled
5
LINEOUT1_DIS
CH
0
Discharges LINEOUT1P and LINEOUT1N outputs
0 = Not active
1 = Actively discharging LINEOUT1P and LINEOUT1N
4
LINEOUT2_DIS
CH
0
Discharges LINEOUT2P and LINEOUT2N outputs
0 = Not active
1 = Actively discharging LINEOUT2P and LINEOUT2N
Register 38h AntiPOP (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R57 (39h)
AntiPOP (2)
8
MICB2_DISCH
0
Microphone Bias 2 Discharge
0 = MICBIAS2 floating when disabled
1 = MICBIAS2 discharged when disabled
7
MICB1_DISCH
0
Microphone Bias 1 Discharge
0 = MICBIAS1 floating when disabled
1 = MICBIAS1 discharged when disabled
6:5
VMID_RAMP
[1:0]
00
VMID soft start enable / slew rate control
00 = Normal slow start
01 = Normal fast start
10 = Soft slow start
11 = Soft fast start
If VMID_RAMP = 1X is selected for VMID start-up or shut-
down, then the soft-start circuit must be reset by setting
VMID_RAMP=00 after VMID is disabled, before VMID is re-
enabled. VMID is disabled / enabled using the VMID_SEL
register.
3
VMID_BUF_EN
A
0
VMID Buffer Enable
0 = Disabled
1 = Enabled (provided VMID_SEL > 00)
2
STARTUP_BIAS
0
Enables the Start-Up bias current generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com