Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 274 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 274 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 270Page - Cirrus Logic WM8994ECS/R Datasheet HTML 271Page - Cirrus Logic WM8994ECS/R Datasheet HTML 272Page - Cirrus Logic WM8994ECS/R Datasheet HTML 273Page - Cirrus Logic WM8994ECS/R Datasheet HTML 274Page - Cirrus Logic WM8994ECS/R Datasheet HTML 275Page - Cirrus Logic WM8994ECS/R Datasheet HTML 276Page - Cirrus Logic WM8994ECS/R Datasheet HTML 277Page - Cirrus Logic WM8994ECS/R Datasheet HTML 278Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 363 page
background image
WM8994
274
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R52 (34h)
Line Mixer (1)
6
MIXOUTL_TO_L
INEOUT1N
0
MIXOUTL to Single-Ended Line Output on LINEOUT1N
0 = Mute
1 = Un-mute
(LINEOUT1_MODE = 1)
5
MIXOUTR_TO_
LINEOUT1N
0
MIXOUTR to Single-Ended Line Output on LINEOUT1N
0 = Mute
1 = Un-mute
(LINEOUT1_MODE = 1)
4
LINEOUT1_MO
DE
0
LINEOUT1 Mode Select
0 = Differential
1 = Single-Ended
2
IN1R_TO_LINE
OUT1P
0
IN1R Input PGA to Differential Line Output on LINEOUT1
0 = Mute
1 = Un-mute
(LINEOUT1_MODE = 0)
1
IN1L_TO_LINE
OUT1P
0
IN1L Input PGA to Differential Line Output on LINEOUT1
0 = Mute
1 = Un-mute
(LINEOUT1_MODE = 0)
0
MIXOUTL_TO_L
INEOUT1P
0
Differential Mode (LINEOUT1_MODE = 0):
MIXOUTL to Differential Output on LINEOUT1
0 = Mute
1 = Un-mute
Single Ended Mode (LINEOUT1_MODE = 1):
MIXOUTL to Single-Ended Line Output on LINEOUT1P
0 = Mute
1 = Un-mute
Register 34h Line Mixer (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R53 (35h)
Line Mixer (2)
6
MIXOUTR_TO_
LINEOUT2N
0
MIXOUTR to Single-Ended Line Output on LINEOUT2N
0 = Mute
1 = Un-mute
(LINEOUT2_MODE = 1)
5
MIXOUTL_TO_L
INEOUT2N
0
MIXOUTL to Single-Ended Line Output on LINEOUT2N
0 = Mute
1 = Un-mute
(LINEOUT2_MODE = 1)
4
LINEOUT2_MO
DE
0
LINEOUT2 Mode Select
0 = Differential
1 = Single-Ended
2
IN1L_TO_LINE
OUT2P
0
IN1L Input PGA to Differential Line Output on LINEOUT2
0 = Mute
1 = Un-mute
(LINEOUT2_MODE = 0)
1
IN1R_TO_LINE
OUT2P
0
IN1R Input PGA to Differential Line Output on LINEOUT2
0 = Mute
1 = Un-mute
(LINEOUT2_MODE = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com