Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 277 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 277 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 273Page - Cirrus Logic WM8994ECS/R Datasheet HTML 274Page - Cirrus Logic WM8994ECS/R Datasheet HTML 275Page - Cirrus Logic WM8994ECS/R Datasheet HTML 276Page - Cirrus Logic WM8994ECS/R Datasheet HTML 277Page - Cirrus Logic WM8994ECS/R Datasheet HTML 278Page - Cirrus Logic WM8994ECS/R Datasheet HTML 279Page - Cirrus Logic WM8994ECS/R Datasheet HTML 280Page - Cirrus Logic WM8994ECS/R Datasheet HTML 281Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 363 page
background image
WM8994
Rev 4.6
277
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
_ENA
0 = Disabled
1 = Enabled
1
BIAS_SRC
0
Selects the bias current source
0 = Normal bias
1 = Start-Up bias
0
VMID_DISCH
0
Connects VMID to ground
0 = Disabled
1 = Enabled
Register 39h AntiPOP (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R58 (3Ah)
MICBIAS
7:6
MICD_SCTHR
[1:0]
00
MICBIAS Short Circuit Current threshold
00 = 300uA
01 = 600uA
10 = 1200uA
11 = 2400uA
These values are for AVDD1=3.0V and scale proportionally
with AVDD1.
5:3
MICD_THR [2:0]
000
MICBIAS Current Detect threshold
00X = 150uA
01X = 300uA
10X = 600uA
11X = 1200uA
These values are for AVDD1=3.0V and scale proportionally
with AVDD1.
2
MICD_ENA
0
MICBIAS Current Detect / Short Circuit Threshold enable
0 = Disabled
1 = Enabled
1
MICB2_LVL
0
Microphone Bias 2 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
0
MICB1_LVL
0
Microphone Bias 1 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
Register 3Ah MICBIAS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R59 (3Bh)
LDO 1
3:1
LDO1_VSEL
[2:0]
110
LDO1 Output Voltage Select
2.4V to 3.1V in 100mV steps
000 = 2.4V
001 = 2.5V
010 = 2.6V
011 = 2.7V
100 = 2.8V
101 = 2.9V
110 = 3.0V
111 = 3.1V
0
LDO1_DISCH
1
LDO1 Discharge Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com