Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 280 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 280 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 276Page - Cirrus Logic WM8994ECS/R Datasheet HTML 277Page - Cirrus Logic WM8994ECS/R Datasheet HTML 278Page - Cirrus Logic WM8994ECS/R Datasheet HTML 279Page - Cirrus Logic WM8994ECS/R Datasheet HTML 280Page - Cirrus Logic WM8994ECS/R Datasheet HTML 281Page - Cirrus Logic WM8994ECS/R Datasheet HTML 282Page - Cirrus Logic WM8994ECS/R Datasheet HTML 283Page - Cirrus Logic WM8994ECS/R Datasheet HTML 284Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 363 page
background image
WM8994
280
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R88 (58h) DC
Servo
Readback
9:8
DCS_CAL_COM
PLETE [1:0]
00
DC Servo Complete status
0 = DAC Write or Start-Up DC Servo mode not completed.
1 = DAC Write or Start-Up DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
5:4
DCS_DAC_WR
_COMPLETE
[1:0]
00
DC Servo DAC Write status
0 = DAC Write DC Servo mode not completed.
1 = DAC Write DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
1:0
DCS_STARTUP
_COMPLETE
[1:0]
00
DC Servo Start-Up status
0 = Start-Up DC Servo mode not completed.
1 = Start-Up DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
Register 58h DC Servo Readback
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R89 (59h) DC
Servo Write
Val
15:8
DCS_DAC_WR
_VAL_1 [7:0]
0000_0000
Writing to this field sets the DC Offset value for HPOUT1R
in DAC Write DC Servo mode.
Reading this field gives the current DC Offset value for
HPOUT1R.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
7:0
DCS_DAC_WR
_VAL_0 [7:0]
0000_0000
Writing to this field sets the DC Offset value for HPOUT1L
in DAC Write DC Servo mode.
Reading this field gives the current DC Offset value for
HPOUT1L.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
Register 59h DC Servo Write Val
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R96 (60h)
Analogue HP
(1)
7
HPOUT1L_RMV
_SHORT
0
Removes HPOUT1L short
0 = HPOUT1L short enabled
1 = HPOUT1L short removed
For normal operation, this bit should be set as the final step
of the HPOUT1L Enable sequence.
6
HPOUT1L_OUT
P
0
Enables HPOUT1L output stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be set to 1 after the DC
offset cancellation has been scheduled.
5
HPOUT1L_DLY
0
Enables HPOUT1L intermediate stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be set to 1 after the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com