Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 282 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 282 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 278Page - Cirrus Logic WM8994ECS/R Datasheet HTML 279Page - Cirrus Logic WM8994ECS/R Datasheet HTML 280Page - Cirrus Logic WM8994ECS/R Datasheet HTML 281Page - Cirrus Logic WM8994ECS/R Datasheet HTML 282Page - Cirrus Logic WM8994ECS/R Datasheet HTML 283Page - Cirrus Logic WM8994ECS/R Datasheet HTML 284Page - Cirrus Logic WM8994ECS/R Datasheet HTML 285Page - Cirrus Logic WM8994ECS/R Datasheet HTML 286Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 363 page
background image
WM8994
282
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R272 (0110h)
Write
Sequencer
Ctrl (1)
15
WSEQ_ENA
0
Write Sequencer Enable.
0 = Disabled
1 = Enabled
9
WSEQ_ABORT
0
Writing a 1 to this bit aborts the current sequence and
returns control of the device back to the serial control
interface.
8
WSEQ_START
0
Writing a 1 to this bit starts the write sequencer at the index
location selected by WSEQ_START_INDEX. The sequence
contin
ues until it reaches an “End of sequence” flag. At the
end of the sequence, this bit will be reset by the Write
Sequencer.
6:0
WSEQ_START_
INDEX [6:0]
000_0000
Sequence Start Index. This field determines the memory
location of the first command in the selected sequence.
There are 127 Write Sequencer RAM addresses:
00h = WSEQ_ADDR0 (R12288)
01h = WSEQ_ADDR1 (R12292)
02h = WSEQ_ADDR2 (R12296)
….
7Fh = WSEQ_ADDR127 (R12796)
Register 0110h Write Sequencer Ctrl (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R273 (0111h)
Write
Sequencer
Ctrl (2)
8
WSEQ_BUSY
0
Sequencer Busy flag (Read Only).
0 = Sequencer idle
1 = Sequencer busy
Note: it is not possible to write to control registers via the
control interface while the Sequencer is Busy.
6:0
WSEQ_CURRE
NT_INDEX [6:0]
000_0000
Sequence Current Index. This indicates the memory
location of the most recently accessed command in the
write sequencer memory.
Coding is the same as WSEQ_START_INDEX.
Register 0111h Write Sequencer Ctrl (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R512 (0200h)
AIF1
Clocking (1)
4:3
AIF1CLK_SRC
[1:0]
00
AIF1CLK Source Select
00 = MCLK1
01 = MCLK2
10 = FLL1
11 = FLL2
2
AIF1CLK_INV
0
AIF1CLK Invert
0 = AIF1CLK not inverted
1 = AIF1CLK inverted
1
AIF1CLK_DIV
0
AIF1CLK Divider
0 = AIF1CLK
1 = AIF1CLK / 2
0
AIF1CLK_ENA
0
AIF1CLK Enable
0 = Disabled
1 = Enabled
Register 0200h AIF1 Clocking (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com