Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 288 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 288 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 284Page - Cirrus Logic WM8994ECS/R Datasheet HTML 285Page - Cirrus Logic WM8994ECS/R Datasheet HTML 286Page - Cirrus Logic WM8994ECS/R Datasheet HTML 287Page - Cirrus Logic WM8994ECS/R Datasheet HTML 288Page - Cirrus Logic WM8994ECS/R Datasheet HTML 289Page - Cirrus Logic WM8994ECS/R Datasheet HTML 290Page - Cirrus Logic WM8994ECS/R Datasheet HTML 291Page - Cirrus Logic WM8994ECS/R Datasheet HTML 292Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 363 page
background image
WM8994
288
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
010 = 4
011 = 8
1XX = 16
Register 0221h FLL1 Control (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R546 (0222h)
FLL1 Control
(3)
15:0
FLL1_K [15:0]
0000_0000
_0000_000
0
FLL1 Fractional multiply for FREF
(MSB = 0.5)
Register 0222h FLL1 Control (3)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R547 (0223h)
FLL1 Control
(4)
14:5
FLL1_N [9:0]
00_0000_0
000
FLL1 Integer multiply for FREF
(LSB = 1)
Register 0223h FLL1 Control (4)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R548 (0224h)
FLL1 Control
(5)
12:7
FLL1_FRC_NC
O_VAL [5:0]
01_1001
FLL1 Forced oscillator value
Valid range is 000000 to 111111
0x19h (011001) = 12MHz approx
(Note that this field is required for free-running FLL modes
only)
6
FLL1_FRC_NC
O
0
FLL1 Forced control select
0 = Normal
1 = FLL1 oscillator controlled by FLL1_FRC_NCO_VAL
(Note that this field is required for free-running FLL modes
only)
4:3
FLL1_REFCLK_
DIV [1:0]
00
FLL1 Clock Reference Divider
00 = MCLK / 1
01 = MCLK / 2
10 = MCLK / 4
11 = MCLK / 8
MCLK (or other input reference) must be divided down to
<=13.5MHz.
For lower power operation, the reference clock can be
divided down further if desired.
1:0
FLL1_REFCLK_
SRC [1:0]
00
FLL1 Clock source
00 = MCLK1
01 = MCLK2
10 = LRCLK1
11 = BCLK1
Register 0224h FLL1 Control (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com