Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 307 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 307 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 303Page - Cirrus Logic WM8994ECS/R Datasheet HTML 304Page - Cirrus Logic WM8994ECS/R Datasheet HTML 305Page - Cirrus Logic WM8994ECS/R Datasheet HTML 306Page - Cirrus Logic WM8994ECS/R Datasheet HTML 307Page - Cirrus Logic WM8994ECS/R Datasheet HTML 308Page - Cirrus Logic WM8994ECS/R Datasheet HTML 309Page - Cirrus Logic WM8994ECS/R Datasheet HTML 310Page - Cirrus Logic WM8994ECS/R Datasheet HTML 311Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 363 page
background image
WM8994
Rev 4.6
307
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1104
(0450h) AIF1
DRC2 (1)
15:11
AIF1DRC2_SIG
_DET_RMS
[4:0]
0_0000
AIF1 DRC2 Signal Detect RMS Threshold.
This is the RMS signal level for signal detect to be indicated
when AIF1DRC2_SIG_DET_MODE=1.
00000 = -30dB
00001 = -31.5dB
…. (1.5dB steps)
11110 = -75dB
11111 = -76.5dB
10:9
AIF1DRC2_SIG
_DET_PK [1:0]
00
AIF1 DRC2 Signal Detect Peak Threshold.
This is the Peak/RMS ratio, or Crest Factor, level for signal
detect to be indicated when
AIF1DRC2_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
8
AIF1DRC2_NG_
ENA
0
AIF1 DRC2 Noise Gate Enable
0 = Disabled
1 = Enabled
7
AIF1DRC2_SIG
_DET_MODE
1
AIF1 DRC2 Signal Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
AIF1DRC2_SIG
_DET
0
AIF1 DRC2 Signal Detect Enable
0 = Disabled
1 = Enabled
5
AIF1DRC2_KNE
E2_OP_ENA
0
AIF1 DRC2 KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
AIF1DRC2_QR
1
AIF1 DRC2 Quick-release Enable
0 = Disabled
1 = Enabled
3
AIF1DRC2_ANT
ICLIP
1
AIF1 DRC2 Anti-clip Enable
0 = Disabled
1 = Enabled
2
AIF1DAC2_DRC
_ENA
0
Enable DRC in AIF1DAC2 playback path (AIF1, Timeslot 1)
0 = Disabled
1 = Enabled
1
AIF1ADC2L_DR
C_ENA
0
Enable DRC in AIF1ADC2 (Left) record path (AIF1,
Timeslot 1)
0 = Disabled
1 = Enabled
0
AIF1ADC2R_DR
C_ENA
0
Enable DRC in AIF1ADC2 (Right) record path (AIF1,
Timeslot 1)
0 = Disabled
1 = Enabled
Register 0450h AIF1 DRC2 (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com