Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 311 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 311 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 307Page - Cirrus Logic WM8994ECS/R Datasheet HTML 308Page - Cirrus Logic WM8994ECS/R Datasheet HTML 309Page - Cirrus Logic WM8994ECS/R Datasheet HTML 310Page - Cirrus Logic WM8994ECS/R Datasheet HTML 311Page - Cirrus Logic WM8994ECS/R Datasheet HTML 312Page - Cirrus Logic WM8994ECS/R Datasheet HTML 313Page - Cirrus Logic WM8994ECS/R Datasheet HTML 314Page - Cirrus Logic WM8994ECS/R Datasheet HTML 315Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 363 page
background image
WM8994
Rev 4.6
311
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1152
(0480h) AIF1
DAC1 EQ
Gains (1)
15:11
AIF1DAC1_EQ_
B1_GAIN [4:0]
0_1100
AIF1DAC1 (AIF1, Timeslot 0) EQ Band 1 Gain
-12dB to +12dB in 1dB steps
10:6
AIF1DAC1_EQ_
B2_GAIN [4:0]
0_1100
AIF1DAC1 (AIF1, Timeslot 0) EQ Band 2 Gain
-12dB to +12dB in 1dB steps
5:1
AIF1DAC1_EQ_
B3_GAIN [4:0]
0_1100
AIF1DAC1 (AIF1, Timeslot 0) EQ Band 3 Gain
-12dB to +12dB in 1dB steps
0
AIF1DAC1_EQ_
ENA
0
Enable EQ in AIF1DAC1 playback path (AIF1, Timeslot 0)
0 = Disabled
1 = Enabled
Register 0480h AIF1 DAC1 EQ Gains (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1153
(0481h) AIF1
DAC1 EQ
Gains (2)
15:11
AIF1DAC1_EQ_
B4_GAIN [4:0]
0_1100
AIF1DAC1 (AIF1, Timeslot 0) EQ Band 4 Gain
-12dB to +12dB in 1dB steps
10:6
AIF1DAC1_EQ_
B5_GAIN [4:0]
0_1100
AIF1DAC1 (AIF1, Timeslot 0) EQ Band 5 Gain
-12dB to +12dB in 1dB steps
Register 0481h AIF1 DAC1 EQ Gains (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1154
(0482h) AIF1
DAC1 EQ
Band 1 A
15:0
AIF1DAC1_EQ_
B1_A [15:0]
0000_1111
_1100_101
0
EQ Band 1 Coefficient A
Register 0482h AIF1 DAC1 EQ Band 1 A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1155
(0483h) AIF1
DAC1 EQ
Band 1 B
15:0
AIF1DAC1_EQ_
B1_B [15:0]
0000_0100
_0000_000
0
EQ Band 1 Coefficient B
Register 0483h AIF1 DAC1 EQ Band 1 B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1156
(0484h) AIF1
DAC1 EQ
Band 1 PG
15:0
AIF1DAC1_EQ_
B1_PG [15:0]
0000_0000
_1101_100
0
EQ Band 1 Coefficient PG
Register 0484h AIF1 DAC1 EQ Band 1 PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com