Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 313 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 313 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 309Page - Cirrus Logic WM8994ECS/R Datasheet HTML 310Page - Cirrus Logic WM8994ECS/R Datasheet HTML 311Page - Cirrus Logic WM8994ECS/R Datasheet HTML 312Page - Cirrus Logic WM8994ECS/R Datasheet HTML 313Page - Cirrus Logic WM8994ECS/R Datasheet HTML 314Page - Cirrus Logic WM8994ECS/R Datasheet HTML 315Page - Cirrus Logic WM8994ECS/R Datasheet HTML 316Page - Cirrus Logic WM8994ECS/R Datasheet HTML 317Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 363 page
background image
WM8994
Rev 4.6
313
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1163
(048Bh) AIF1
DAC1 EQ
Band 3 C
15:0
AIF1DAC1_EQ_
B3_C [15:0]
0000_1010
_0101_010
0
EQ Band 3 Coefficient C
Register 048Bh AIF1 DAC1 EQ Band 3 C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1164
(048Ch) AIF1
DAC1 EQ
Band 3 PG
15:0
AIF1DAC1_EQ_
B3_PG [15:0]
0000_0101
_0101_100
0
EQ Band 3 Coefficient PG
Register 048Ch AIF1 DAC1 EQ Band 3 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1165
(048Dh) AIF1
DAC1 EQ
Band 4 A
15:0
AIF1DAC1_EQ_
B4_A [15:0]
0001_0110
_1000_111
0
EQ Band 4 Coefficient A
Register 048Dh AIF1 DAC1 EQ Band 4 A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1166
(048Eh) AIF1
DAC1 EQ
Band 4 B
15:0
AIF1DAC1_EQ_
B4_B [15:0]
1111_1000
_0010_100
1
EQ Band 4 Coefficient B
Register 048Eh AIF1 DAC1 EQ Band 4 B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1167
(048Fh) AIF1
DAC1 EQ
Band 4 C
15:0
AIF1DAC1_EQ_
B4_C [15:0]
0000_0111
_1010_110
1
EQ Band 4 Coefficient C
Register 048Fh AIF1 DAC1 EQ Band 4 C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1168
(0490h) AIF1
DAC1 EQ
Band 4 PG
15:0
AIF1DAC1_EQ_
B4_PG [15:0]
0001_0001
_0000_001
1
EQ Band 4 Coefficient PG
Register 0490h AIF1 DAC1 EQ Band 4 PG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com