Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 19 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 19 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 15Page - TE Connectivity Ltd 640468 Datasheet HTML 16Page - TE Connectivity Ltd 640468 Datasheet HTML 17Page - TE Connectivity Ltd 640468 Datasheet HTML 18Page - TE Connectivity Ltd 640468 Datasheet HTML 19Page - TE Connectivity Ltd 640468 Datasheet HTML 20Page - TE Connectivity Ltd 640468 Datasheet HTML 21Page - TE Connectivity Ltd 640468 Datasheet HTML 22Page - TE Connectivity Ltd 640468 Datasheet HTML 23Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
PAGE 19
MTA, CST-100 II and SL-156 Connectors
MTA-100 High Profile Headers—Right-Angle
.250
[6.35]
.113
[2.87]
A
.025
[0.64]
Sq.
.050
[1.27]
.100
[2.54]
.347
[8.81]
.290
[7.37]
.112
[2.84]
.040
[1.02]
Max.
.125
[3.18]
Post No. 1
.113
[2.87]
.025
[0.64]
Sq.
.100
[2.54]
.050
[1.27]
Post
No. 1
.290
[7.37]
.125
[3.18]
.070
[1.78]
.112
[2.84]
.250
.347
[8.81]
.140
[3.56]
A
[6.35]
Recommended Mounting Hole Pattern
for .062 [1.57] Thk. PC Board
.100
[2.54]
Typ.
Dia.
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Base Part Numbers
Friction Lock
Polarized
Right-Angle Posts
Right-Angle Posts
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647630
32-42
647651
32-42
Standard UL94V-0, .000030 [0.00076] Gold Plated
647629
32-42
647653
32-42
Standard UL94V-0, .000015 [0.00038] Gold Plated
647628
32-42
647652
32-42
Friction Lock
Right-Angle Post
(.025 [0.64] Square)
Polarized
Right-Angle Post
(.025 [0.64] Square)
Note:
Select load headers (omitted pin
headers) are available upon request.
Please contact product engineer or
product manager for details.
.040
[1.02
±.003
± 0.07]
Material and Finish
Housing—UL94V-0 rated, thermoplastic,
black
Contacts—Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Note: 1. Post(s) can be omitted for keying purposes.
Specify the desired post(s) to be omitted
using the figure to identify Post No. 1.
2. Gold headers are duplex plated, gold on
mating end of post and tin on the solder tail.
3. To determine header overall length (dim. A)
multiply .100 x the number of posts. Example:
.100 x 10 posts equals 1.000 inch [25.4 mm].
4.This product can be mounted in the middle of
the PC Board as shown in the PCB layout.
For mateability options, see matrix on
pages 5 and 6.
For mating half visuals, see pages 7, 8
and 24.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number.
Prefixes and suffixes are determined
by the number of post positions in the
header. For example, the complete part
number for a 10-position header with
right-angle posts would be:
Base number
647630 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647630-0
All part numbers are the RoHS equivalent
version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-647630-2
3
3-647630-3
4
3-647630-4
5
3-647630-5
6
3-647630-6
7
3-647630-7
8
3-647630-8
9
3-647630-9
10
4-647630-0
11
4-647630-1
12
4-647630-2
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com