Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 43 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 43 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 39Page - TE Connectivity Ltd 640468 Datasheet HTML 40Page - TE Connectivity Ltd 640468 Datasheet HTML 41Page - TE Connectivity Ltd 640468 Datasheet HTML 42Page - TE Connectivity Ltd 640468 Datasheet HTML 43Page - TE Connectivity Ltd 640468 Datasheet HTML 44Page - TE Connectivity Ltd 640468 Datasheet HTML 45Page - TE Connectivity Ltd 640468 Datasheet HTML 46Page - TE Connectivity Ltd 640468 Datasheet HTML 47Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
PAGE 43
MTA, CST-100 II and SL-156 Connectors
MTA-156 Polarized Lock Headers—Straight
Material and Finish
Housing—UL94V-0 rated, polyester, white
Posts—Copper alloy, tin plated .000030
[0.00076] gold over nickel
Notes:
1. Post(s) can be omitted for keying purposes. Specify
the desired post(s) to be omitted using the figure
to identify Post No. 1.
2. Peg holes are not required in PC Boards when
headers without pegs are used.
3. One peg only on a 2 position header, other position
sizes have two pegs.
4. Headers with .00015 [0.00038] gold plated post
are available upon request. Minimums may apply.
5. To determine header overall length (Dim. A), mul-
tiply .156 x the number of posts. Example: .156 x 10
posts equals 1.560 inches [39.62 mm].
For mateability options, see matrix on
pages 27, 28, and 47.
For mating half visuals, use connectors
with a locking ramp for polarization/
retention purposes, see pages 29 thru
32, 53 and 55.
For por polarizing purposes only use
connectors without a locking ramp. See
pages 29 thru 32, 49 and 51.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and num-
ber of posts available for the described
headers.
Prefixes and suffixes are determined
by the number of post positions in the
header. For example, the complete part
number for a 10-position header with
square posts with pegs would be::
Base number
644615 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-644615-0
All part numbers in
bold face are the
RoHS equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-644615-2
thru
18
4-644615-8
See page 8 for an explanation of RoHS lead free
equivalents.
Recommended Mounting Hole Pattern
for .062 [1.57] Thk. PC Board
.210
[5.33]
A
.125
.125
.425
[3.18]
.156
[3.96]
.076
[1.93]
.045
[1.14]
[10.80]
.100
[2.54]
[3.18]
.450
[11.43]
.545
[13.84]
.073
[1.85]
.156
[3.96]
.066/.062
[1.68/1.57]
Edge of Board
Dia.
.167
[4.24]
.225
[5.72]
Min.
.078
[1.98]
90° Ref.
Typ.
Retention Tabs
4 Plc.
Post No. 1
Polarized
Retention Peg
Typ.
Peg Hole
Polarized
Retention Peg
PC Board Hole Diameters
Square
Round
Post
Post
.069/.065
.054/.050
[1.75/1.65]
[1.37/1.27]
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Base Part Numbers
Square Posts
Round Posts
Without Pegs
With Pegs
Without Pegs
With Pegs
Standard UL94V-0, Tin Plated
644611
32–35
644615
32–48
Standard UL94V-0, .000030 [0.00076] Gold Plated
644627
32–48
644631
32–35
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
—
—
—
—
—
—
—
—
—
—
—
—
Note: All RoHS equivalent part numbers may not be available upon catalog release. If the number you need is not
available, please contact Product Engineering to expedite your request.
Note:
Select load headers (omitted pin headers) are available upon request. Please contact product engineer or product
manager for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com