Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 59 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 59 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 55Page - TE Connectivity Ltd 640468 Datasheet HTML 56Page - TE Connectivity Ltd 640468 Datasheet HTML 57Page - TE Connectivity Ltd 640468 Datasheet HTML 58Page - TE Connectivity Ltd 640468 Datasheet HTML 59Page - TE Connectivity Ltd 640468 Datasheet HTML 60Page - TE Connectivity Ltd 640468 Datasheet HTML 61Page - TE Connectivity Ltd 640468 Datasheet HTML 62Page - TE Connectivity Ltd 640468 Datasheet HTML 63Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
PAGE 59
MTA, CST-100 II and SL-156 Connectors
MTA Application Tooling Options (Continued)
Interchangeable Head
• Terminates one
unstripped wire per cycle
• Aligns and holds the
connector in place for
each termination
• Automatically advances
the connector after each
termination
Interchangeable Head and
Loose-Piece Feed Track
• No special setup required
• Connectors are easily
loaded into feed track
• Connectors are fed using
a simple spring-loaded
pusher
Interchangeable Head and
Tape Feed Track
• No special setup required
• Tape-mounted connectors
are transferred from prod-
uct reel to feed track by
simply pulling on the free
end of the carrier tape
• Connectors are fed using
a simple spring-loaded
pusher
Special Applicator
• Connectors are easily
hand loaded into feed
track
• Automatically advances
the connector after each
termination
• Cannot be cycled until
the connector is properly
positioned
Manual Hand Tool with
Interchangeable Head
Air Bench Mount Tool with
Interchangeable Head and
Foot Switch
Air Hand Tool with
Interchangeable Head
Electric Bench Machine with
Interchangeable Head
One-At-A-Time Termination Tooling
(Typical Tooling Combinations)
Air Bench Mount Tool with
Interchangeable Head and Loose-Piece Feed Track
Electric Bench Machine with
Interchangeable Head and
Tape Feed Track
AMP-O-LECTRIC Bench
Machine with Special Applicator
Power Units
Manual Hand Tool —
Pistol Grip Handle
Part No. 58074-1
• Easy to use
• Ratchet control will not
release the trigger until it
is fully bottomed
• Head may be rotated for
user convenience
Air Hand Tool — Pistol
Grip Pneumatic Handle
Part No. 58075-1
• Light weight
• Operates at air pressure
between 40 and 70 psi
[2.76 and 4.83 bar]
• Head may be rotated for
user convenience
Air Bench Mount Tool —
Bench Mount Power
Assembly Part No. 58338-1
• May be mounted with
interchangeable head
pointed up or down
• Operated bya foot
switch
• Operates at air pressure
between 40 and 70 psi
[2.76 and 4.83 bar]
Electric Bench Machine —
IDC Power Unit
Part No. 931800-1
• All electric: 120 VAC,
60 Hz, 2 A
• Compact, portable and
quiet
• Operated bya foot
switch
T-Handle Maintenance Tool
Interchangeable Heads and Applicators (Refer to page 58 for part numbers.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com