Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 6Page - TE Connectivity Ltd 640468 Datasheet HTML 7Page - TE Connectivity Ltd 640468 Datasheet HTML 8Page - TE Connectivity Ltd 640468 Datasheet HTML 9Page - TE Connectivity Ltd 640468 Datasheet HTML 10Page - TE Connectivity Ltd 640468 Datasheet HTML 11Page - TE Connectivity Ltd 640468 Datasheet HTML 12Page - TE Connectivity Ltd 640468 Datasheet HTML 13Page - TE Connectivity Ltd 640468 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
PAGE 10
MTA, CST-100 II and SL-156 Connectors
Keying Plug with Carrier Strip (10 plugs
per strip) Part No. 641994-1
Material (RoHS Compliant)
UL94V-2 rated, nylon, natural color
Note: Removal of contact is not necessary when using
keying plug.
Replacement IDC Contacts
Material and Finish
Phosphor bronze, post tin plated;
.000030 [0.00076] or .000015
[0.00038] post gold plated over nickel
Note: TE does not recommend terminating an MTA
contact more than one time. Use replacement contacts
when required for field repairs or wire changes.
Crimp Snap-In Contacts
Material and Finish
Phosphor bronze, tin plated.
MTA-100 IDC Connector Accessories (continued)
Wire Size
Part Numbers
AWG
mm2
Standard .000030 [0.00076]
.000015 [0.00038]
LED
Tin Plated
Gold Plated
Gold Plated
22
0.3–0.4
640636-3
641186-4
641186-3
641643-2
24
0.2
640637-3
641187-4
641187-3
641644-2
26
0.12–0.15
640638-3
641188-4
641188-3
641645-2
28
0.08–0.09
640639-3
641189-4
641189-3
641646-2
Wire Size
Part Nos.
AWG
mm2
Loose Piece*
Strip**
26-22 0.12–0.4
*Hand Tool No. 59836-1 (IS 408-6527)
**Applicator No. 466747-1 (IS 408-8040)
Special applications for crimp snap-in contacts are:
1. Double wire per contact
2. Coax or shielded wire
3. Mixed wire size in same connector
Note: Only one crimp snap-in contact per connector.
.125
[3.18]
.038
[0.97]
.077
[1.96]
.065
[1.65]
.300
[7.62]
.500
[12.7]
.027
[0.69]
Sq.
Ref.
1.800
[45.72]
Ref.
.452
[11.48]
.075
[1.91]
.070
[1.78]
.070
[1.78]
.142
[3.61]
Max.
.425
[10.8]
640709-2
640708-2
Tin Plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com