Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 31 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 31 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 27Page - TE Connectivity Ltd 640468 Datasheet HTML 28Page - TE Connectivity Ltd 640468 Datasheet HTML 29Page - TE Connectivity Ltd 640468 Datasheet HTML 30Page - TE Connectivity Ltd 640468 Datasheet HTML 31Page - TE Connectivity Ltd 640468 Datasheet HTML 32Page - TE Connectivity Ltd 640468 Datasheet HTML 33Page - TE Connectivity Ltd 640468 Datasheet HTML 34Page - TE Connectivity Ltd 640468 Datasheet HTML 35Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
PAGE 31
MTA, CST-100 II and SL-156 Connectors
Material and Finish
Housing—UL94V-2 rated, nylon, see
below for color; or UL94V-0 rated, nylon,
black
Contacts—Phosphor bronze, post tin
plated, .000030 [0.00076] or .000015
[0.00038] post gold-plated over nickel
Color Coding by Wire Size for
UL94V-2 Connectors
26 AWG—Blue
24 AWG—White
22 AWG—Red
20 AWG—Yellow
18 AWG—Orange
All wire sizes in UL94V-0—Black
Notes:
1. Only connectors with locking ramp and without
polarizing tabs mate with posted connectors on
page 38.
2. Refer to pages 52-56 for approved wire listing.
3. For strain reliefs and dust covers, see page 33 and
34.
4.For keying plugs and panel mount end caps, see
page 35.
5. Other circuit sizes are available upon request.
Minimums may apply.
6.Connector circuits can be molded closed for keying
purposes. Minimums may apply.
7. Where no part numbers appear in the chart, parts
can be made available upon request. Minimums
may apply.
8. To determine connector overall length (dim. A),
multiply .156 x the number of circuits. Example: .156
x 10 circuits equals 1.560 inch [39.62 mm].
MTA-156 IDC Connectors—Feed-Thru
Feed-Thru with Locking Ramp
Feed-Thru without Locking Ramp
without Polarizing Tabs
with Polarizing Tabs
without Polarizing Tabs
with Polarizing Tabs
.725
[18.42]
.245
[6.22]
.325
[8.26]
.385
[9.78]
.180
[4.57]
.156
[3.96]
Typ.
A
.050
[1.27]
[1.19]
.258
.047
.097
[6.56]
.050
[1.27]
.100
[2.54]
.725
[18.42]
.245
[6.22]
.100
[2.54]
.325
[8.26]
.385
[9.78]
.230
[5.84]
.156
[3.96]
Typ.
A
.050
[1.27]
[2.46]
.100
[2.54]
.258
[6.56]
.050
[1.27]
For mateability options, see matrix on pages 27 and 28.
Mating half visuals for Closed End Connectors with Locking Ramp, see pages 38 thru
41, 43, 45, and 46, (42 and 44 Front Bend Headers only).
For mateability options, see matrix on pages 27 and 28.
Mating half visuals for Closed End Connectors without Locking Ramp, see pages 39
thru 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com