Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 25 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 25 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 21Page - TE Connectivity Ltd 640468 Datasheet HTML 22Page - TE Connectivity Ltd 640468 Datasheet HTML 23Page - TE Connectivity Ltd 640468 Datasheet HTML 24Page - TE Connectivity Ltd 640468 Datasheet HTML 25Page - TE Connectivity Ltd 640468 Datasheet HTML 26Page - TE Connectivity Ltd 640468 Datasheet HTML 27Page - TE Connectivity Ltd 640468 Datasheet HTML 28Page - TE Connectivity Ltd 640468 Datasheet HTML 29Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
PAGE 25
MTA, CST-100 II and SL-156 Connectors
CST-100 II Shrouded Headers—Straight and Right-Angle
Material and Finish
Housing—UL94V-0 rated, polyester, black
Posts—Copper alloy, tin plated, or
.000030 [0.00076] gold over nickel
Notes: 1. Post(s) can be omitted for keying purposes.
Specify the desired post(s) to be omitted
using the figure to identify Post No. 1.
2. Headers with .000015 [0.00038] gold plated
post are available upon request. Minimums
may apply.
3. Gold headers are duplex plated, gold on
mating end of post and tin on the solder tail.
For mateability options, see matrix on
pages 5 and 6.
For mating half visuals, see page 23.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and num-
ber of posts available for the described
headers.
Prefixes and suffixes are determined by
the number of post positions in the
header. For example, the complete part
number for a 10-position header with
straight posts and with pegs would be:
Base number
644893 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-644893-0
All part numbers are the RoHS equivalent
version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-644893-2
thru
14
4-644893-4
See page 8 for an explanation of RoHS lead free
equivalents.
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.
Note:
CST-100 II shrouded headers only mate with CST-100 II
housings. All the MTA-100 headers except the MTA-100
shrouded headers mate with CST-100 II housings.
Base Part Numbers
Straight Posts
With
Without
Right-Angle Posts
Pegs
Pegs
Without Pegs Only
Header
No. of
Header
No. of
Header
No. of
Part Nos.
Posts/
Part Nos.
Posts/
Part Nos.
Posts/
RoHS Equiv.
RoHS Equiv.
RoHS Equiv.
Standard UL94V-0, Tin Plated
644893
32-44
644892
32-44
644894
32-44
Standard UL94V-0, .000030 [0.00076] Gold Plated
644897
32-44
644896
32-44
644898
32-44
Straight Post (.025 [0.64] Square)
Right-Angle (.025 [0.64] Square)
A
.025
[0.64]
Typ.
.100
[2.54]
.092
[2.34]
Ref.
Post No. 1
.313
[7.95]
.410
[10.41]
.140
[3.56]
.176
[4.47]
Ref.
.107
[2.72]
Ref.
.125
[3.18]
.280
[7.11]
.520
[13.21]
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
(Solder Side of Board Shown)
.042
[1.07]
.100
[2.54]
Typ.
.081/.075
[2.06/1.91]
.124
[3.15]
Edge of Board
.125
[3.18]
Min.
.050/.040
[1.27/1.02]
Dia.
Dia.
A
.025
[0.64]
Typ.
.100
[2.54]
.036
[0.91]
Max.
.092
[2.34]
Typ.
Post No. 1
.313
.280
.176
.107
[7.95]
[4.47]
Ref.
[2.72]
Ref.
.140
[3.56]
[7.11]
.100
[2.54]
Typ.
Edge of Board
.450
[11.43]
Max.
.050/.040
[1.27/1.02] Dia.
Recommended Mounting Hole Pattern for .062
[1.57] Thk. PC Board
(Solder Side of Board Shown)
Header Length
No. of
Dim.
Prefix/
Circuits
A
Suffix
No. of
Dim.
Prefix/
Circuits
A
Suffix
No. of
Dim.
Prefix/
Circuits
A
Suffix
2
.284
3- -2
7.21
3
.384
3- -3
9.75
4
.484
3- -4
12.29
5
.584
3- -5
14.83
6
.684
3- -6
17.37
7
.784
3- -7
19.91
8
.884
3- -8
22.45
9
.984
3- -9
24.99
10
1.084
4- -0
27.53
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Polarized
Retention Peg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com