Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 55 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 55 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 51Page - TE Connectivity Ltd 640468 Datasheet HTML 52Page - TE Connectivity Ltd 640468 Datasheet HTML 53Page - TE Connectivity Ltd 640468 Datasheet HTML 54Page - TE Connectivity Ltd 640468 Datasheet HTML 55Page - TE Connectivity Ltd 640468 Datasheet HTML 56Page - TE Connectivity Ltd 640468 Datasheet HTML 57Page - TE Connectivity Ltd 640468 Datasheet HTML 58Page - TE Connectivity Ltd 640468 Datasheet HTML 59Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
PAGE 55
MTA, CST-100 II and SL-156 Connectors
.156 [3.96] Centerline, Flat Ribbon Cable, PVC Insulation
Product Specifications
Housing — 300 Volts
UL Recognized — AWM Style 2651
CSA —Available on request
Edge Mark
.156
[3.96]
Typ.
Insulation —
Gray Flame Retardant Flexible PVC
.007 [0.17] Minimum Insulation
Thickness
Temperature Rating — –20°C to +105°C
Flammability — UL: VW1
.010
[0.25]
.078 [1.98] Typ.
B
A
C
22 AWG 7/30 Tinned Copper
2
0.156 [3.96]
0.312 [7.92]
0.051 [1.30] 02WGY00008P
5
0.624 [15.85]
0.780 [19.81]
0.051 [1.30] 05WGY00008P
10
1.404 [35.66]
1.560 [39.62]
0.051 [1.30] 10WGY00008P
15
2.184 [55.47]
2.340 [59.44] 0.051 [1.30] 15WGY00008P
20
2.964 [75.29]
3.120 [79.25]
0.051 [1.30] 20WGY00008P
24
3.588 [91.14]
3.744 [95.10]
0.051 [1.30] 24WGY00008P
18 AWG 7/26 Tinned Copper
2
0.156 [3.96]
0.312 [7.92]
0.068 [1.73] 02WJY000001P
5
0.624 [15.85]
0.780 [19.81]
0.068 [1.73] 05WJY000010P
10
1.404 [35.66]
1.560 [39.62]
0.068 [1.73] 10WJY000010P
15
2.184 [55.47]
2.340 [59.44] 0.068 [1.73] 15WJY000010P
20
2.964 [75.29]
3.120 [79.25]
0.068 [1.73] 20WJY000010P
24
3.588 [91.14]
3.744 [95.10]
0.068 [1.73] 24WJY000010P
Other Conductor Counts Available on Request.
No. of
Dimensions
Part
Conductors A
B
C
Number
Contact MADISON CABLE (1-877-MADISON),
a division of TE Connectivity, for engineering
questions or for order placement of this cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com