Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 23 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 23 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 19Page - TE Connectivity Ltd 640468 Datasheet HTML 20Page - TE Connectivity Ltd 640468 Datasheet HTML 21Page - TE Connectivity Ltd 640468 Datasheet HTML 22Page - TE Connectivity Ltd 640468 Datasheet HTML 23Page - TE Connectivity Ltd 640468 Datasheet HTML 24Page - TE Connectivity Ltd 640468 Datasheet HTML 25Page - TE Connectivity Ltd 640468 Datasheet HTML 26Page - TE Connectivity Ltd 640468 Datasheet HTML 27Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
PAGE 23
MTA, CST-100 II and SL-156 Connectors
MTA-100 Shrouded Headers—Straight and Right-Angle
Straight Post (.025 [0.64] Square)
Right-Angle (.025 [0.64] Square)
A
.025
[0.64]
Typ.
.100
[2.54]
.092
[2.34]
Typ. Ref.
Post No. 1
.313
[7.95]
.410
[10.41]
.140
[3.56]
.176
[4.47]
Ref.
.107
[2.72]
Ref.
.125
[3.18]
.200
[5.08]
.440
[11.18]
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
(Solder Side of Board Shown)
Polarized
Retention Peg
.042
[1.07]
.100
[2.54]
[2.54]
Typ.
.081/.075
[2.06/1.91]
.124
[3.15]
Edge of Board
.125
[3.18]
Min.
.050/.040
[1.27/1.02]
Dia.
Dia.
A
.025
[0.64]
Typ.
.100
[2.54]
.092
.130
[2.34]
Typ. Ref.
Post No. 1
.313
[7.95]
.410
.200
[10.41]
.176
Ref.
[3.30]
[1.27]
[5.08]
.050
Max.
.137
[3.48]
Ref.
.100
Typ.
Edge of Board
.300
[7.62]
Max.
.050/.040
[1.27/1.02]
Dia.
Recommended Mounting Hole Pattern for .062
[1.57] Thk. PC Board
(Solder Side of Board Shown)
Header Length
2
.284
3- -2
7.21
3
.384
3- -3
9.75
4
.484
3- -4
12.29
5
.584
3- -5
14.83
6
.684
3- -6
17.37
7
.784
3- -7
19.91
8
.884
3- -8
22.45
9
.984
3- -9
24.99
10
1.084
4- -0
27.53
11
1.184
4- -1
30.07
12
1.284
4- -2
32.61
13
1.384
4- -3
35.15
14
1.484
4- -4
37.69
.206
Ref.
.130
[3.30]
[5.23]
Ref.
Rear Bend
Front Bend
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Base Part Numbers
Straight Posts
Right-Angle Posts
With
Without
Without Pegs Only
Pegs
Pegs
Front Bend
Rear Bend
Standard UL94V-0, Tin Plated
644486
22-34
644861
22-34
644488
22-34
644803
22-34
Standard UL94V-0, .000030 [0.00076] Gold Plated
644487
22-34
—
—
644489
22-34
—
—
Header
No. of
Circuits
Dim.
A
Prefix/
Suffix
No. of
Circuits
Dim.
A
Prefix/
Suffix
No. of
Circuits
Dim.
A
Prefix/
Suffix
No. of
Circuits
Dim.
A
Prefix/
Suffix
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Material and Finish
Housing—UL94V-0 rated, polyester, black
Posts—Copper alloy, tin plated, .000030
[0.00076] gold over nickel
Notes:
1. Post(s) can be omitted for keying purposes. Specify
the desired post(s) to be omitted using the figure
to identify Post No. 1.
2. Headers with .000015 [0.00038] gold plated post
are available upon request. Minimums may apply.
3. Gold headers are duplex plated, gold on mating
end of post and tin on the solder tail.
For mateability options, see matrix on
pages 5 and 6.
For mating half visuals, see pages 7, 8
and 24.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number.
Prefixes and suffixes are determined by
the number of post positions in the head-
er. For example, the complete part num-
ber for a 10-position header with straight
posts and with pegs would be:
Base number
644486 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-644486-0
See page 15 for an explanation of RoHS
lead free equivalents.
Note: All RoHS equivalent part numbers
may not be available upon catalog
release. If the number you need is not
available, please contact Product Engi-
neering to expedite your request.
Notes:
1. Select load headers (omitted pin
headers) are available upon request.
Please contact product engineer or
product manager for details.
2. MTA-100 shrouded headers do not
mate with CST-100 II housings.
Straight Post (.025 [0.64] Square)
Right-Angle (.025 [0.64] Square)
A
.025
[0.64]
Typ.
.100
[2.54]
.092
[2.34]
Typ. Ref.
Post No. 1
.313
[7.95]
.410
[10.41]
.140
[3.56]
.176
[4.47]
Ref.
.107
[2.72]
Ref.
.125
[3.18]
.200
[5.08]
.440
[11.18]
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
(Solder Side of Board Shown)
Polarized
Retention Peg
.042
[1.07]
.100
[2.54]
[2.54]
Typ.
.081/.075
[2.06/1.91]
.124
[3.15]
Edge of Board
.125
[3.18]
Min.
.050/.040
[1.27/1.02]
Dia.
Dia.
A
.025
[0.64]
Typ.
.100
[2.54]
.092
.130
[2.34]
Typ. Ref.
Post No. 1
.313
[7.95]
.410
.200
[10.41]
.176
Ref.
[3.30]
[1.27]
[5.08]
.050
Max.
.137
[3.48]
Ref.
.100
Typ.
Edge of Board
.300
[7.62]
Max.
.050/.040
[1.27/1.02]
Dia.
Recommended Mounting Hole Pattern for .062
[1.57] Thk. PC Board
(Solder Side of Board Shown)
Header Length
2
.284
3- -2
7.21
3
.384
3- -3
9.75
4
.484
3- -4
12.29
5
.584
3- -5
14.83
6
.684
3- -6
17.37
7
.784
3- -7
19.91
8
.884
3- -8
22.45
9
.984
3- -9
24.99
10
1.084
4- -0
27.53
11
1.184
4- -1
30.07
12
1.284
4- -2
32.61
13
1.384
4- -3
35.15
14
1.484
4- -4
37.69
.206
Ref.
.130
[3.30]
[5.23]
Ref.
Rear Bend
Front Bend
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Base Part Numbers
Straight Posts
Right-Angle Posts
With
Without
Without Pegs Only
Pegs
Pegs
Front Bend
Rear Bend
Standard UL94V-0, Tin Plated
644486
22-34
644861
22-34
644488
22-34
644803
22-34
Standard UL94V-0, .000030 [0.00076] Gold Plated
644487
22-34
—
—
644489
22-34
—
—
Header
No. of
Circuits
Dim.
A
Prefix/
Suffix
No. of
Circuits
Dim.
A
Prefix/
Suffix
No. of
Circuits
Dim.
A
Prefix/
Suffix
No. of
Circuits
Dim.
A
Prefix/
Suffix
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com