Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 54 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 54 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 50Page - TE Connectivity Ltd 640468 Datasheet HTML 51Page - TE Connectivity Ltd 640468 Datasheet HTML 52Page - TE Connectivity Ltd 640468 Datasheet HTML 53Page - TE Connectivity Ltd 640468 Datasheet HTML 54Page - TE Connectivity Ltd 640468 Datasheet HTML 55Page - TE Connectivity Ltd 640468 Datasheet HTML 56Page - TE Connectivity Ltd 640468 Datasheet HTML 57Page - TE Connectivity Ltd 640468 Datasheet HTML 58Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
PAGE 54
MTA, CST-100 II and SL-156 Connectors
.100 [2.54] Centerline, IDC Ribbon Cable, PVC Insulation
Product Specifications
Housing — 300 Volts
UL Recognized — AWM Style 2651
CSA —Available on request
No. of
Dimensions
Part
Conductors A
B
C
Number
No. of
Dimensions
Part
Conductors A
B
C
Number
28 AWG 7/32 Tinned Copper
2
0.100 [2.54]
0.200 [5.08]
0.044 [1.12] 02WFY00006P
5
0.400 [10.16]
0.500 [12.70]
0.044 [1.12] 05WFY00006P
10
0.900 [22.86] 1.000 [25.40]
0.044 [1.12] 10WFY00006P
15
1.400 [35.56]
1.500 [38.10]
0.044 [1.12] 15WFY00006P
20
1.900 [48.26]
2.000 [50.80]
0.044 [1.12] 20WFY00006P
25
2.400 [60.96] 2.500 [63.50]
0.044 [1.12] 25WFY00006P
28
2.700 [68.58] 2.800 [71.12]
0.044 [1.12] 28WFY00006P
26 AWG 7/34 Tinned Copper
2
0.100 [2.54]
0.200 [6.08]
0.039 [.99] 02WEY00008P
5
0.400 [10.16]
0.500 [12.70]
0.039 [.99] 05WEY00004P
10
0.900 [22.86] 1.000 [25.40]
0.039 [.99] 10WEY00012P
15
1.400 [35.56]
1.500 [38.10]
0.039 [.99] 15WEY00002P
20
1.900 [48.26]
2.000 [50.80]
0.039 [.99] 20WEY00008P
25
2.400 [60.96] 2.500 [63.50]
0.039 [.99] 25WEY00008P
28
2.700 [68.58] 2.800 [71.12]
0.039 [.99] 28WEY00008P
26 AWG 7/34 Overcoated Tinned Copper
2
0.100 [2.54]
0.200 [5.08]
0.039 [.99] 02WEY00007P
5
0.400 [10.16]
0.500 [12.70]
0.039 [.99] 05WEY00007P
10
0.900 [22.86] 1.000 [25.40]
0.039 [.99] 10WEY00007P
15
1.400 [35.56]
1.500 [38.10]
0.039 [.99] 15WEY00007P
20
1.900 [48.26
]2.000 [50.80] 0.039 [.99] 20WEY00007P
25
2.400 [60.96] 2.500 [63.50]
0.039 [.99] 25WEY00007P
28
2.700 [68.58] 2.800 [71.12]
0.03 [.99]
28WEY00007P
Other Conductor Counts Available on Request.
Edge Mark
.100
[2.54]
Typ.
Insulation —
Gray Flame Retardant Flexible PVC
.007 [0.17] Minimum Insulation Thickness
Temperature Rating — -20°C to +105°C
Flammability — UL: VW1
.010 [0.25]
.050 [1.27] Typ.
B
C
A
Contact MADISON CABLE (1-877-MADISON),
a division of TE Connectivity, for engineering
questions or for order placement of this cable.
24 AWG 7/32 Overcoated Tinned Copper
2
0.100 [2.54]
0.200 [5.08]
0.044 [1.12] 02WFY00007P
5
0.400 [10.16]
0.500 [12.70] 0.044 [1.12] 05WFY00007P
10
0.900 [22.86] 1.000 [25.40] 0.044 [1.12] 10WFY00007P
15
1.400 [35.56]
1.500 [38.10]
0.044 [1.12] 15WFY00007P
20
1.900 [48.26]
2.000 [50.80] 0.044 [1.12] 20WFY00007P
25
2.400 [60.96] 2.500 [63.50] 0.044 [1.12] 25WFY00007P
28
2.700 [68.58] 2.800 [71.12]
0.044 [1.12] 28WFY00007P
22 AWG 7/30 Tinned Copper
2
0.100 [2.54]
0.200 [5.08]
0.051 [1.30] 02WGY00001P
5
0.400 [10.16]
0.500 [12.70] 0.051 [1.30] 05WGY00006P
10
0.900 [22.86] 1.000 [25.40] 0.051 [1.30] 10WGY00002P
15
1.400 [35.56]
1.500 [38.10]
0.051 [1.30] 15WGY00006P
20
1.900 [48.26]
2.000 [50.80] 0.051 [1.30] 20WGY00006P
25
2.400 [60.96] 2.500 [63.50] 0.051 [1.30] 25WGY00006P
28
2.700 [68.58] 2.800 [71.12]
0.051 [1.30] 28WGY00006P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com