Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 60 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 60 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 56Page - TE Connectivity Ltd 640468 Datasheet HTML 57Page - TE Connectivity Ltd 640468 Datasheet HTML 58Page - TE Connectivity Ltd 640468 Datasheet HTML 59Page - TE Connectivity Ltd 640468 Datasheet HTML 60Page - TE Connectivity Ltd 640468 Datasheet HTML 61Page - TE Connectivity Ltd 640468 Datasheet HTML 62Page - TE Connectivity Ltd 640468 Datasheet HTML 63Page - TE Connectivity Ltd 640468 Datasheet HTML 64Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
PAGE 60
MTA, CST-100 II and SL-156 Connectors
MTA Application Tooling Options (Continued)
Applicator and Holding
• Wires are laced into
plastic combs for mass
termination
• Trims excess wire for
closed-end terminations
• Holding fixture may be
mounted toa harness
board
Applicator and Tape Feed
• Tape-mounted connectors
are transferred from prod-
uct reel to feed track by
simply pulling on the free
end of the carrier tape
• Connectors are fed using
a simple spring-loaded
pusher
• Feed stop easily adjusted
for different connector
sizes
• Notch cable with up to
28 conductors for .100
centerline, and 24
conductors for .156
centerline
• Pressure plate holds
cable in position during
notching
• Scrap conveniently
removed througha chute
with a blast of air from a
built-in air valve
Mass Termination Tooling
Manual Bench Tool with
Applicator and Holding Fixture
Manual Bench Tool with Applicator and Tape Feed Track
Air Bench Machine
Air Harness Tool with
Applicator
Ribbon Cable Notcher
Assembly
2700 lb Air Bench Machine with
Ribbon Cable Notcher Assembly
Power Units
Manual Bench Tool —
Arbor Frame Assembly
Part No. 58024-1
• Applicator and holding
fixture can be oriented for
operator convenience for
closed-end or feed-thru
terminations
• Ram height (insertion
depth) is easily adjusted
• May be bench mounted
Air Harness Tools —
Hand-Held Power Unit
with Applicator
Part No. 58575-1 (MTA-100)
Part No. 58576-1 (MTA-156)
• Applicator can be rotated
360° for orientation with
holding fixture
• Insertion depth is easily
adjusted
• Operates at air pressure
between 75 and 95 psi
[5.17 and 6.55 bar]
Air Bench Machine —
Pneumatic Unit
Part No. 91112-2
• Operated bya foot
switch
• Operates at air pressure
between 80 and 90 psi
[5.52 and 6.21 bar]
• Not recommended for
notching cable with more
than 14 conductors
2700 lb Air Bench Machine —
Part No. 312522-1
• Operated bya foot
switch
• Capable of exerting
2,700 lb [12,000 N] of
force at minimum 80 psi
[5.52 bar] air pressure
• May be bench mounted
Applicators and Notcher Assemblies
Ribbon Cable Notcher Assembly
Part Number Wire Size
Centerline
Used With
AWG
854449-2
26-28
.100
Manual Bench Tool
2.54
58024-1
854449-4
22-28
.100
Air Bench Machine
2.54
91112-2
2700 lb Bench Machine
.156
312522-1
854449-3
18-24
3.96
AMP-O-LECTRIC
Bench Machine 1-471273-3
(with Conversion Kit 690675-2)
Use Adapter 854468-1 when putting Notcher in the AMP-O-LECTRIC
Machine. Use Adapter 854468-2 when putting Notcher in the 2700 lb
Air Bench Machine.
(Typical Tooling Combinations)
Fixture
Track



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com