Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 3Page - TE Connectivity Ltd 640468 Datasheet HTML 4Page - TE Connectivity Ltd 640468 Datasheet HTML 5Page - TE Connectivity Ltd 640468 Datasheet HTML 6Page - TE Connectivity Ltd 640468 Datasheet HTML 7Page - TE Connectivity Ltd 640468 Datasheet HTML 8Page - TE Connectivity Ltd 640468 Datasheet HTML 9Page - TE Connectivity Ltd 640468 Datasheet HTML 10Page - TE Connectivity Ltd 640468 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
PAGE 7
MTA, CST-100 II and SL-156 Connectors
Material and Finish
Housing—UL94V-2 rated, nylon, see
below for color; or UL94V-0 rated, nylon,
black
Contacts—Phosphor bronze, post tin
plated, .000030 [0.00076] or .000015
[0.00038] post gold-plated over nickel
Color Coding by Wire Size for UL94V-2
Connectors
28 AWG—Green
26 AWG—Blue
24 AWG—White
22 AWG—Red
All wire sizes in UL94V-0—Black
For mateability options, see matrix on
pages 5 and 6.
For mating half visuals, see pages 13 thru
23.
Notes:
1. Refer to pages 52-56 for approved wire listing.
2. For strain reliefs and dust covers, see page 9.
3. For keying plugs, see page 10.
4. Other circuit sizes are available upon request.
Minimums may apply.
5. Connector circuits can be molded closed for keying
purposes. Minimums may apply.
6.Where no part numbers appear in the chart, parts
can be made available upon request. Minimums
may apply.
7. To determine connector overall length (dim. A),
multiply .100 x the number of circuits. Example:
.100 x 10 circuits equals 1.000 inch [25.4 mm].
MTA-100 IDC Connectors—Closed End and Feed-Thru
Closed End Connectors
.520
[13.21]
.275
[6.99]
.075
[1.91]
.245
[6.22]
.275
[6.99]
.184
.056
[4.67]
.100
[2.54]
Typ.
A
[1.42]
Without Polarizing Tabs
With Polarizing Tabs
.075
[1.91]
.228
[5.80]
.520
[13.21]
.275
[6.99]
.075
[1.91]
.245
[6.22]
.305
[7.75]
.184
.056
[4.67]
.100
[2.54]
Typ.
A
[1.42]
Without Polarizing Tabs
With Polarizing Tabs
.075
[1.91]
.228
[5.80]
Feed-Thru Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com