Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 51 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 51 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 47Page - TE Connectivity Ltd 640468 Datasheet HTML 48Page - TE Connectivity Ltd 640468 Datasheet HTML 49Page - TE Connectivity Ltd 640468 Datasheet HTML 50Page - TE Connectivity Ltd 640468 Datasheet HTML 51Page - TE Connectivity Ltd 640468 Datasheet HTML 52Page - TE Connectivity Ltd 640468 Datasheet HTML 53Page - TE Connectivity Ltd 640468 Datasheet HTML 54Page - TE Connectivity Ltd 640468 Datasheet HTML 55Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
PAGE 51
MTA, CST-100 II and SL-156 Connectors
SL-156 Housings and Contacts for Large Insulation Diameter (LID) Wire
Housings
Material (RoHS Compliant)
UL94V-0 rated, nylon, white
Notes:
1. Accepts Standard and LID contacts.
2. Larger opening in housings eases contact insertion
when using wires that have large insulation diame-
ters (.100-.112 [2.54-2.84]).
3. Housings are not End-to-End stackable.
For mateability options, see matrix on
page 47.
For mating half visuals, for connectors
with locking ramp, see pages 39, 40, 41,
43 and 49, (42 and 44 Front Bend Head-
ers only.)
For mating half visuals, for
connectors without locking ramp, see
pages 39 thru 45.
Contacts
Material and Finish
.012 [0.3] bright tin plated phosphor
bronze; .012 [0.3] phosphor bronze with
.000030 [0.00076] gold over nickel (see
chart)
• All tin-plated contacts are post lubri-
cated to resist fretting corrosion
• Maximum insulation diameter is .112
[2.85]
• Wire range is 18-24 AWG [0.9-0.2 mm2]
and a limited 16 AWG [1.29-1.42 mm2]
(2550-2800 CMA)
Product Specifications
108-1049-1 and 108-1049-2
Application Specification
114-1021
Application Tooling
Extraction Tool Part No. 90471-1
Loose Piece Contacts —
PRO-CRIMPER II Hand Tool
Part No. 91368-1 [18-24 AWG]
Part No. 91369-1 [16 AWG]
(For field service use only.)
For CERTI-CRIMP hand tool, contact
Technical Support.
Strip Contacts —
AMP-O-LECTRIC Model “G”
Termination Machine*
Applicator 1385048-3 [18-24 AWG]
Applicator 1385219-3 [16 AWG]
AMP-O-LECTRIC Model “K”
Termination Machine*
Applicator 1385048-2 [18-24 AWG]
Applicator 1385219-2 [16 AWG]
*For additional part numbers and information contact
Technical Support.
.054
[1.37]
.095
[2.41]Typ.
.156
[3.96]Typ.
.054
[1.37]
Typ.
.0365
[.927]
Ref.
.100
[2.54]
.250
[6.35]
.660
[16.76]
A
Part Numbers*
No. of
Description
Housings
Positions*
with Larger Openings
for Oversize Wire
1-24
Without Locking Ramp
647400
or Polarizing Tabs
With Locking Ramp and
647401
without Polarizing Tabs
(shown above)
2–24
With Locking Ramp and
647402
Polarizing Tabs
*Base Part Number Prefixes and Su xes indicate number of contact positions, e.g. 2 Position=
0-xxxxxx-2 and 12 Position= 1-xxxxxx-2.
Wire
Part Numbers
Size
Material
Plating
For LID* Wire
Strip
Loose Piece
Phosphor
Tin
647406-1
647409-1
18-24 AWG
Bronze
Bronze
Gold
647406-2
647409-2
RoHS Compliant
16 AWG
Phosphor
Tin
647466-1
647485-1
(2550-2800 CMA only)
Gold
647466-2
647485-2
3-647406-1
3-647409-1
RoHS Compliant
3-647466-1
3-647485-1
*Large Insulation Diameter (.100-.112 [2.54-2.84])
Notes: 1. For information on application tooling, call Technical Support.
2. Can
not be used with Standard SL-156 Housings, must be used with LID Housings only.
.160
[4.06]
.112 [2.84]
.108[2.74]
.524
[13.30]
.143
Hooded (Dual Wipe)
(10 Amp Max. Current Rating)
Note: Dim. A = 0.156
(No. of Positions – 1)
0.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com