Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 24 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 24 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 20Page - TE Connectivity Ltd 640468 Datasheet HTML 21Page - TE Connectivity Ltd 640468 Datasheet HTML 22Page - TE Connectivity Ltd 640468 Datasheet HTML 23Page - TE Connectivity Ltd 640468 Datasheet HTML 24Page - TE Connectivity Ltd 640468 Datasheet HTML 25Page - TE Connectivity Ltd 640468 Datasheet HTML 26Page - TE Connectivity Ltd 640468 Datasheet HTML 27Page - TE Connectivity Ltd 640468 Datasheet HTML 28Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
PAGE 24
MTA, CST-100 II and SL-156 Connectors
PRODUCT FACTS
• Low cost wire-to-board interconnections
• Wide wire range for single contact
• Tin and gold plated contacts
• Mates with specified MTA and similar
competitive notched headers
• Plastic latching feature in housing
helps prevent contact backout
• Locking ramps and polarizing tabs are
standard
• For keying purposes use keying plug
641994-1 (page 10)
• Recognized under the Component
Program of Underwriters Labora-
tories Inc., File No. E28476
• Certified by Canadian Standards
Association, File No. LR7189
For mateability options, see matrix on
pages 5 and 6.
For mating half visuals, see pages 13 thru
23 and 25.
See page 8 for an explanation of RoHS lead free
equivalents.
Performance Data
Voltage Rating—250 vac
Current Rating—4 amp max.
Low-Level Resistance—
6 mΩ max. initial; 10 mΩ max. initial
Dielectric Withstanding Voltage—
750 vac/1 min.
Insulation Resistance—1000 MΩ min.
initial; 100 MΩ min. final
Operating Temperature—
-55° C to +105° C
Technical Documents
Product Specification
108-1948
Application Specifications
114-13036
Instruction Sheet
408-8493
Application Tooling
Loose Piece Contacts—Hand Tool No.
58517-3 (408-4064)
Strip Contacts—AMP-O-LECTRIC Model
“G” Termination Machine* Applicator No.
567373-3 (Request Catalog 65828)
AMP-O-MATIC Stripper-Crimper Machine*
Applicator No. 567910-1 or 567827-1 (with
CQM) (Request Catalog 65004)
AMPOMATOR CLS IIIG Lead Making Ma-
chine* (Request Catalog 82659)
*Requires applicators. For part numbers, call Technical
Support.
.100 [2.54] Centerline CST-100 II Crimp Contacts and Housings
.260
Ref.
.510
[12.95]
.190
[4.83]
[6.60]
A
.100
[2.54]
Typ.
.060
Typ.
No. of
Dim.
Part
Pos.
A
Numbers
2
.220
1375820-2
5.59
3
.320
1375820-3
8.13
4
.420
1375820-4
10.67
5
.520
1375820-5
13.21
6
.620
1375820-6
15.75
7
.720
1375820-7
18.29
8
.820
1375820-8
20.83
9
.920
1375820-9
23.37
10
1.020 1-1375820-0
25.91
11
1.120
1-1375820-1
28.45
12
1.220
1-1375820-2
30.99
13
1.320
1-1375820-3
33.53
14
1.420 1-1375820-4
36.07
15
1.520
1-1375820-5
38.61
No. of
Dim.
Part
Pos.
A
Numbers
16
1.620
1-1375820-6
41.15
17
1.720
1-1375820-7
43.69
18
1.820
1-1375820-8
46.23
19
1.920
1-1375820-9
48.77
20
2.020 2-1375820-0
51.31
21
2.120
2-1375820-1
53.85
22
2.220 2-1375820-2
56.39
23
2.320 2-1375820-3
58.93
24
2.420 2-1375820-4
61.47
25
2.520 2-1375820-5
64.01
26
2.620 2-1375820-6
66.55
27
2.720 2-1375820-7
69.09
28
2.820 2-1375820-8
71.63
Contacts
Part Numbers
Tin Plated
15 Au Gold Plated
30 Au Gold Plated
1375819-1 (Strip)
1375819-2 (Strip)
1375819-3 (Strip)
1445336-1 (Loose Piece) 1445336-2 (Loose Piece) 1445336-3 (Loose Piece)
Material and Finish (RoHS Compliant)
Phosphor bronze, pretinned or .000015 [.00038] gold, over nickel
.000030 [0.00076] gold over nickel
Wire Range —22–26 AWG [0.35–0.13 mm2]
Max. Ins. Dia. — .065 [1.65]
Housing*
Material (RoHS Compliant)
UL94V-0 rated, nylon, white
.195
[4.95]
.440
[11.17]
.016
±.002
[.406
±.051]
*Housings without polarizing tabs
may be manufactured upon
request. Minimums may apply.
Contact product engineering or
product manager for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com