Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 17Page - TE Connectivity Ltd 640468 Datasheet HTML 18Page - TE Connectivity Ltd 640468 Datasheet HTML 19Page - TE Connectivity Ltd 640468 Datasheet HTML 20Page - TE Connectivity Ltd 640468 Datasheet HTML 21Page - TE Connectivity Ltd 640468 Datasheet HTML 22Page - TE Connectivity Ltd 640468 Datasheet HTML 23Page - TE Connectivity Ltd 640468 Datasheet HTML 24Page - TE Connectivity Ltd 640468 Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
PAGE 21
MTA, CST-100 II and SL-156 Connectors
MTA-100 Friction Lock High Temperature Headers—Straight and Right-Angle
For use with Infrared
Reflow Process
Maximum Temperature
Rating:
2–12 Position: 280°C
13–18 Position: 235°C
Base Part Numbers
Straight Posts
Straight Posts (Tube Loaded)
Right-Angle Posts
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647050
32–42
647295
32–42
647051
32–42
Standard UL94V-0, .000030 [0.00076] Gold Plated
647116
32–42
647297
32–42
647117
32–42
Standard UL94V-0, .000015 [0.00038] Gold Plated
647078
32–42
647296
32–42
647079
32–42
Note: Select load headers (omitted pin headers) are available upon request. Please contact product
engineer or product manager for details.
Straight Post (.025 [0.64] Square)
Right-Angle Post (.025 [0.64] Square)
Recommended Mounting Hole Pattern for .062 [1.57] Thick PC Board
.300
[7.62]
.150
[3.81]
.100
[2.54]
Typ.
.040
[1.02]
Thru Hole Typ.
.060
[1.52]
Both Sides Typ.
.008
[0.20]
Paste In Area Shown
Min. Thk. Solder
Pre-Tinned Land
Pre-Tinned Plated
.065
[1.65]
.0325
[0.826]
Post No. 1
.250
[6.35]
.113
[2.87]
A
.025
[0.64]
Sq.
.050
[1.27]
.100
[2.54]
.130
[3.30]
.550
[13.97]
.347
[8.81]
.290
[7.37]
.040
[1.02]
Max.
.125
[3.18]
Post No. 1
.250
[6.35]
.113
[2.87]
A
.025
Sq.
.050
[1.27]
.100
[2.54]
.347
[8.81]
.290
[7.37]
.112
[2.84]
.040
[1.02]
Max.
.125
[3.18]
Post No. 1
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Material and Finish
Housing—
2–12 Position—UL94V-0 rated, nylon, black
13–18 Position—UL94V-0 rated, LCP, black
Posts—Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Note: 1. Post(s) can be omitted for keying purposes.
Specify the desired post(s) to be omitted
using the figure to identify Post No. 1.
2. Gold headers are duplex plated, gold on
mating end of post and tin on the solder tail.
3. To determine header overall length (dim. A)
multiply .100 x the number of posts. Example:
.100 x 10 posts equals 1.000 inch [25.4 mm].
For mateability options, see matrix on
pages 5 and 6.
For mating half visuals, see pages 7, 8
and 24.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number.
Prefixes and suffixes are determined
by the number of post positions in the
header. For example, the complete part
number for a 10-position header with
straight posts would be:
Base number
647050 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647050-0
All part numbers are the RoHS equivalent
version. Example:
No. of
Standard
Lead Free
Pos.
Prefix/Suffix
RoHS
Prefix/Suffix
2
647050-2
3-647050-2
thru
12
1-647050-2
4-647050-2
13
1-647050-3
NA
thru
18
1-647050-8
NA
See page 8 for an explanation of RoHS lead free
equivalents.
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com