Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 38 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 38 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 34Page - TE Connectivity Ltd 640468 Datasheet HTML 35Page - TE Connectivity Ltd 640468 Datasheet HTML 36Page - TE Connectivity Ltd 640468 Datasheet HTML 37Page - TE Connectivity Ltd 640468 Datasheet HTML 38Page - TE Connectivity Ltd 640468 Datasheet HTML 39Page - TE Connectivity Ltd 640468 Datasheet HTML 40Page - TE Connectivity Ltd 640468 Datasheet HTML 41Page - TE Connectivity Ltd 640468 Datasheet HTML 42Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
PAGE 38
MTA, CST-100 II and SL-156 Connectors
MTA-156 IDC Posted Connectors (Wire-to-Wire)—Closed End, Feed-Thru
Closed End
Feed-Thru
.840
[21.34]
.126
[3.20]
.1 00
[2.54]
.045
[1.14]
Sq.
9
1.560
1.408
-9
39.62
35.76
12
2.028
1.876
1-
-2
51.51
47.65
15
2.496
2.344
1-
-5
63.40
59.54
24
3.900
3.748
2-
-4
99.06
95.20
No. of
Dim.
Prefix/
Circuits
A
B
Suffix
A Dim.
.045
[1.14] Sq.
.370
[9.4]
.105
[2.67]
.355
[9.02]
.487
[12.37]
Ref.
1.010
[25.65]
B
Dim.
.156
[3.96]
±.010
[
±0.25]
A Dim.
.045
[1.14] Sq.
[9.4]
[2.67]
.385
[9.78]
[12.37]
.487
Ref.
[25.65]
B
Dim.
.156
.105
.370
1.010
[3.96]
±.010
[
±0.25]
Wire Size
Part
AWG
mm2
Numbers
18
0.8-0.9
3-641425-1
20
0.5-0.6
3-641426-1
22
0.3-0.4
3-641427-1
24
0.2
3-641428-1
26
0.12-0.15
3-641429-1
Technical Documents
Product Specification
108-1065 MTA-156 Posted
Connector
Application Specification
114-1020 MTA-156 Connectors,
Posted Connectors
and Card Edge
Connectors
Replacement IDC Contacts
Material and Finish
Contacts — Copper alloy, post
tin plated over nickel
Base Part Numbers
Connector Type
Closed End Connector
1
Feed-Thru Connector
1
& Wire Size
Part Nos.
RoHS Equiv.
Part Nos.
RoHS Equiv.
Standard UL 94V-2, Tin Plated
18 AWG
641435
32,33,34,36,39,42,45,54
641522
32,33,34,36,39,42,45,54
0.8-0.9 mm2
20 AWG
641436
32,33,34,36,39,42,45,54
641523
32,33,34,36,39,42,45,54
0.5-0.6 mm2
22 AWG
641437
32,33,34,36,39,42,45,54
641524
32,33,34,36,39,42,45,54
0.3-0.4 mm2
24 AWG
641438
32,33,34,36,39,42,45,54
641525
32,33,34,36,39,42,45,54
0.2 mm2
26 AWG
641439
32,33,34,36,39,42,45,54
641526
32,33,34,36,39,42,45,54
0.12-0.15 mm2
Standard UL 94V-2, .000030 [0.00076] Gold Plated
18 AWG
644807
32,33,34,36,39,42,45,54
644812
32,33,34,36,39,42,45,54
0.8-0.9 mm2
20 AWG
—2
—
— 2
—
0.5-0.6 mm2
22 AWG
644809
32,33,34,36,39,42,45,54
644814
32,33,34,36,39,42,45,54
0.3-0.4 mm 2
24 AWG
—2
—
— 2
—
0.2 mm 2
26 AWG
—2
—
— 2
—
0.12-0.15 mm2
Standard UL 94V-2, .000015 [0.00038] Gold Plated
18 AWG
647476
32,33,34,36,39,42,45,54
647481
32,33,34,36,39,42,45,54
0.8-0.9 mm2
22 AWG
643995
32,33,34,36,39,42,45,54
647497
32,33,34,36,39,42,45,54
0.3-0.4 mm2
1
MTA-156 Posted Connectors (Closed End and Feed-Thru)
will Only mate with MTA-156 connectors with
locking ramp and without polarizing tabs. They
will NOT mate with MTA-156 Quad Connectors.
2
Parts can be made available upon request. Minimums may apply.
No. of
Dim.
Circuits
A
B
Suffix
2
.468
.316
-2
11.89
8.03
3
.624
.472
-3
15.85
11.99
4
.780
.628
-4
19.81
15.95
6
1.092
.940
-6
27.74
23.88
Material and Finish
Housing—UL94V-2 rated, nylon, see chart
for color
Contacts—Copper alloy, post tin or
.000030 [.00076] gold plated over nickel
Note: 1. Mating half visuals — pages 29 & 32.
2. Strain relief & dust covers — pages 33 & 34.
3. Approved wire listing — page 52.
Connector Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and number
of circuits available for the described
connectors.
Prefixes and suffixes are determined by
the number of circuit positions in the
connector. For example, the complete
part number for a 12-position closed end
connector for 18 AWG wire would be:
Base number
641435 plus
prefix-and-suffix
4- — -2
The correct ordering number is
4-641435-2
See page 8 for an explanation of RoHS lead free
equivalents.
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.
Color Coding by Wire Size
for UL94V-2 Connectors
18 AWG—Orange
20 AWG—Yellow
22 AWG—Red
24 AWG—White
26 AWG—Blue
Performance Data
Voltage Rating—600 vac
Current Rating—7 amp max.
Low-Level Resistance—7 mΩ max. initial
Dielectric Withstanding Voltage—
1500 vac/1 min.
Insulation Resistance—5000 MΩ min. initial
Operating Temperature—-55° C to +105° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com