Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 20 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 20 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 16Page - TE Connectivity Ltd 640468 Datasheet HTML 17Page - TE Connectivity Ltd 640468 Datasheet HTML 18Page - TE Connectivity Ltd 640468 Datasheet HTML 19Page - TE Connectivity Ltd 640468 Datasheet HTML 20Page - TE Connectivity Ltd 640468 Datasheet HTML 21Page - TE Connectivity Ltd 640468 Datasheet HTML 22Page - TE Connectivity Ltd 640468 Datasheet HTML 23Page - TE Connectivity Ltd 640468 Datasheet HTML 24Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
PAGE 20
MTA, CST-100 II and SL-156 Connectors
MTA-100 Polarized High Temperature Headers—Straight and Right-Angle
Straight Post (.025 [0.64] Square)
.113
[2.87]
A
.025
[0.64]
Sq.
.100
[2.54]
.050
[1.27]
Post
No. 1
.290
[7.37]
.135
[3.43]
.550
[13.97]
.070
[1.78]
.125
[3.18]
.250
[6.35]
.347
[8.81]
Right-Angle Post (.025 [0.64] Square)
.113
[2.87]
.025
[0.64]
Sq.
.100
[2.54]
.050
[1.27]
Post
No. 1
.290
[7.37]
.125
[3.18]
.070
[1.78]
.112
[2.84]
.250
[6.35]
.347
[8.81]
.140
[3.56]
A
Recommended Mounting Hole Pattern for .062 [1.57] Thick PC Board
.300
[7.62]
.150
[3.81]
.100
[2.54]
Typ.
.040
[1.02]
Pre-Tinned Plated
Thru Hole Typ.
.060
[1.52]
Pre-Tinned Land
Both Sides Typ.
.008
[0.20]
Min. Thk. Solder
Paste In Area Shown
.065
[1.65]
.0325
[0.826]
Post No. 1
For use with Infrared
Reflow Process
Maximum Temperature
Rating:
2–12 Position: 280°C
13–18 Position: 235°C
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Base Part Numbers
Straight Posts
Straight Posts (Tube Loaded)
Right-Angle Posts
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647047
32–42
647298
32–42
647048
32–42
Standard UL94V-0, .000030 [0.00076] Gold Plated
647109
32–42
647300
32–42
647114
32–42
Standard UL94V-0, .000015 [0.00038] Gold Plated
647075
32–42
647299
32–42
647076
32–42
Note: Select load headers (omitted pin headers) are available upon request. Please contact product
engineer or product manager for details.
Material and Finish
Housing—
2–12 Position—UL94V-0 rated, nylon, black
13–18 Position—UL94V-0 rated, LCP, black
Posts—Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Note:
1. Post(s) can be omitted for keying purposes.
Specify the desired post(s) to be omitted
using the figure to identify Post No. 1.
2. Gold headers are duplex plated, gold on
mating end of post and tin on the solder tail.
3. To determine header overall length (dim. A)
multiply .100 x the number of posts. Example:
.100 x 10 posts equals 1.000 inch [25.4 mm].
For mateability options, see matrix on
pages 5 and 6.
For mating half visuals, see pages 7, 8
and 24.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number.
Prefixes and suffixes are determined
by the number of post positions in the
header. For example, the complete part
number for a 10-position header with
straight posts would be:
Base number
647047 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647047-0
All part numbers are the RoHS equivalent
version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-647047-2
thru
12
4-647047-2
13
NA
thru
18
NA
See page 8 for an explanation of RoHS lead free
equivalents.
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com