Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 48 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 48 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 44Page - TE Connectivity Ltd 640468 Datasheet HTML 45Page - TE Connectivity Ltd 640468 Datasheet HTML 46Page - TE Connectivity Ltd 640468 Datasheet HTML 47Page - TE Connectivity Ltd 640468 Datasheet HTML 48Page - TE Connectivity Ltd 640468 Datasheet HTML 49Page - TE Connectivity Ltd 640468 Datasheet HTML 50Page - TE Connectivity Ltd 640468 Datasheet HTML 51Page - TE Connectivity Ltd 640468 Datasheet HTML 52Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
PAGE 48
MTA, CST-100 II and SL-156 Connectors
SL-156 Crimp Contacts and Keying Plugs
Contacts
Material and Finish
.012 [0.3] bright tin plated brass or phos-
phor bronze; .012 [0.3] pre-tin brass; or
.012 [0.3] brass or phosphor bronze with
.000030 [0.00076] gold over nickel (see
chart)
• All tin-plated contacts are post lubricat-
ed to resist fretting corrosion
• Maximum insulation diameter is .105
[2.67]
• Wire range is 18-30 AWG [0.9-0.06
mm2]
Application Note
Part No. 640252 has a higher mating and
unmating force than Part No. 350980 and
is recommended to be used only in hous-
ings with 1 through 12 positions.
Part No. 350980 can be used in any size
housing but is recommended to be used
in housings with 13 through 24 positions.
Part No. 770476 is recommended for use
in any size housing. Its mating force is
similar to Part No. 350980 while unmat-
ing force is similar to 640252.
For housings, see pages 49 and 50.
Keying Plugs
Material (RoHS Compliant)
UL94V-2 rated, nylon, natural color
.115
[2.92]
.121/.115
[3.07/2.92]
.145/.140
[3.68/3.56]
.230
[5.84]
.180
[4.57]
.131
± .004
[3.33
± 0.10]
A
High Force
(6.5 Amp Max. Current Rating)
B
Low Force
(6.5 Amp Max. Current Rating)
C
Hooded (Dual Wipe)
(10 Amp. Max. Current Rating)
Wire Size
Contact
Material and Finish
Part Numbers
AWG mm2
Strip
Loose Piece
24–30
A
brass, pre-tin plated
641550-1
—
0.2-0.06
brass, bright tin plated
640252-1
640706-1
A
brass, pre-tin plated
640252-2
640706-2
brass,
RoHS Compliant
3-640252-1
3-640706-1
brass, bright tin plated
350980-1
640707-1
18–24
brass, pre-tin plated
350980-2
—
0.9-0.2
B
brass, gold plated
350980-3
770258-1
brass,
RoHS Compliant
3-350980-1
3-640707-1
phosphor bronze, bright tin plated
770476-1
770522-1
C
phosphor bronze, gold plated
770476-2
770522-2
phosphor bronze,
RoHS Compliant
3-770476-1
3-770522-1
.300
[7.62]
.225
[5.72]
.300
[7.62]
Keying Plug
Part No. 640254-1
Keying Pin
Part No. 640255-1
Application Tooling
Extraction Tool
Part No. 90471-1
Loose Piece Contacts
—
PRO-CRIMPER II Hand Tool
Part No. 58614-1 (408-4228)
[For field service use only]
For CERTI-CRIMP hand tool,
contact Technical Support.
Strip Contacts —
AMP-O-LECTRIC Model “G”
Termination Machine*
Applicator 680211-3
(Request Catalog 65828)
AMP-O-LECTRIC Model “K”
Termination Machine* Applicator
466468-2
AMP-O-MATIC Stripper-Crimper
Machine* SCA 466947-1 or 567828-1
(with CQM) (Request Catalog 65004)
AMPOMATOR CLS IV+ Lead Making
Machine* Applicator 466468-1
(Request Catalog 82659)
*Requires applicators. For part
numbers, call Technical Support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com