Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 49 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 49 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 45Page - TE Connectivity Ltd 640468 Datasheet HTML 46Page - TE Connectivity Ltd 640468 Datasheet HTML 47Page - TE Connectivity Ltd 640468 Datasheet HTML 48Page - TE Connectivity Ltd 640468 Datasheet HTML 49Page - TE Connectivity Ltd 640468 Datasheet HTML 50Page - TE Connectivity Ltd 640468 Datasheet HTML 51Page - TE Connectivity Ltd 640468 Datasheet HTML 52Page - TE Connectivity Ltd 640468 Datasheet HTML 53Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
PAGE 49
MTA, CST-100 II and SL-156 Connectors
SL-156 Housings—Wire-to-Board
Housings
Material (RoHS Compliant)
UL94V-0 rated, nylon, white
Notes:
1. Accepts either .045 [1.14] square or round posts.
Housings mate with flat and friction lock headers,
or staked posts on .156 [3.96] centers.
2. Housings without ramp, with polarizing tab, avail-
able upon request. Minimums may apply.
3. Recommend contact: Part No. 640252 for 1 thru 12
positions; Part No. 350980 for 13 thru 24 positions;
Part No. 770476 for 1 thru 24 positions.
For contacts, see page 48.
For mateability options, see matrix on
page 47.
For mating half visuals, for connectors
with locking ramp, see pages 39, 36, 41,
43 and 45, (41 and 44 Front Bend Headers
only.)
For mating half visuals, for connectors
without locking ramp, see pages 35 thru
45.
(A) With Locking Ramp/With Polarizing Tabs
(B) With Locking Ramp/Without Polarizing Tabs
(C) Without Locking Ramp/Without Polarizing Tabs
.660
[16.76]
.100
[2.54]
.019
[0.48]
.250
[6.35]
1
2
2
2
3
4
.156
[3.96]
Typ.
.076
[1.93]
Typ.
A
.097
[2.46]
.037
[0.93]
Ref.
1
2
2
2
3
4
.660
[16.76]
.250
[6.35]
.100
[2.54]
.156
Typ.
.076
[1.93]
Typ.
A
.037
[0.93]
.097
[2.46]
Ref.
1
2
2
2
3
4
.660
[16.76]
.250
[6.35]
.156
Typ.
.076
[1.93]
[3.96]
A
Typ.
.060
[1.52]
No. of
Housing
Description
Part Numbers*
Positions*
2–24
A
With Locking Ramp and Polarizing Tabs
770849
1–24
B
With Locking Ramp and without Polarizing Tabs
640250
C
Without Locking Ramp or Polarizing Tabs
640251
*Base Part Number Prefixes and Suffixes indicate number of contact positions, e.g. 2 Position=
0-xxxxxx-2 and 12 Position= 1-xxxxxx-2.
Note: Housings not for use with LID Contacts. Shown on page 51.
Note: Dim. A = 0.156
(No. of Positions– 1)
0.152
[3.96]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com