Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 45 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 45 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 41Page - TE Connectivity Ltd 640468 Datasheet HTML 42Page - TE Connectivity Ltd 640468 Datasheet HTML 43Page - TE Connectivity Ltd 640468 Datasheet HTML 44Page - TE Connectivity Ltd 640468 Datasheet HTML 45Page - TE Connectivity Ltd 640468 Datasheet HTML 46Page - TE Connectivity Ltd 640468 Datasheet HTML 47Page - TE Connectivity Ltd 640468 Datasheet HTML 48Page - TE Connectivity Ltd 640468 Datasheet HTML 49Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
PAGE 45
MTA, CST-100 II and SL-156 Connectors
MTA-156 Friction Lock High Temperature Headers—Straight
Material and Finish
Housing—UL94V-0 rated, nylon, black
Posts—Copper alloy, tin plated .000015
[0.00038] gold over nickel
Temperature—Maximum Temperature
Rating: 280°C
Notes:
1. Post(s) can be omitted for keying purposes. Specify
the desired post(s) to be omitted using the figure
to identify Post No. 1.
2. Gold headers are duplex plated, gold on mating
end of post and tin-lead on the solder tail.
3. Headers with straight and right-angle square posts
are available upon request. Minimums may apply.
4. To determine header overall length (Dim. A), mul-
tiply .156 x the number of posts. Example: .156 x 10
posts equals 1.560 inches [39.62 mm].
For mateability options, see matrix on
pages 27, 28, and 47.
For mating half visuals, use only connec-
tors with a locking ramp for polarization/
retention purposes, see pages 29 thru 32,
53 and 55.
For polarizing purposes only use connec-
tors without a locking ramp. See pages
29 thru 32, 49 and 51.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and num-
ber of posts available for the described
headers.
Prefixes and suffixes are determined
by the number of post positions in the
header. For example, the complete part
number for a 10-position header with
round tin plated posts::
Base number
647648 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647648-0
All part numbers in
bold face are the
RoHS equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-647648-2
thru
18
4-647648-2
See page 8 for an explanation of RoHS lead free
equivalents.
Recommended Mounting Hole Pattern
for .062 [1.57] Thick PC Board
Base Part Numbers
Round Post
Standard UL94V-0, Tin Plated
647648
32–42
Standard UL94V-0, .000015 [0.00038] Gold Plated
647649
32–42
For use with Infrared Reflow Process
.650
± .010
[16.51
± 0.25]
Solder Paste Area
.057
± .003
[1.45
± 0.08]
.545
± .010
1
± 25
.125
± .010
1
± 25
.700
± .010
77
± 25
.076
± .003
[1.93
± 0.08]
Pretinned Plated
Thru Hole Typ.
.100
[2.54]
Pretinned Land
(Both Sides) Typ.
.008
[0.20]
Min. Thick Solder Paste
in Area Shown
.120 Typ.
[3.05]
.156 Typ.
[3.96]
.070 Typ.
[1.78]
Position No. 1
.120 Typ.
[3.05]
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Ø .045
± .001
[1.14 ± 0.03]
2 Plcs.
.210
[5.33]
.450
[11.43]
.125
[3.18]
Mating
End
Solder tail
Post No. 1
A
Ref.
.156
[3.96]
Typ.
.425
[10.80]
.335
[8.51]
+ .005
– .010
+ 1
15
– 25
.073
Header
Part Nos.
RoHS
Equiv.
Note: All RoHS equivalent part numbers may not be available upon catalog release. If the number you need is not
available, please contact Product Engineering to expedite your request.
Note:
Select load headers (omitted pin headers) are available upon request. Please contact product engineer or product
manager for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com