Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 10Page - TE Connectivity Ltd 640468 Datasheet HTML 11Page - TE Connectivity Ltd 640468 Datasheet HTML 12Page - TE Connectivity Ltd 640468 Datasheet HTML 13Page - TE Connectivity Ltd 640468 Datasheet HTML 14Page - TE Connectivity Ltd 640468 Datasheet HTML 15Page - TE Connectivity Ltd 640468 Datasheet HTML 16Page - TE Connectivity Ltd 640468 Datasheet HTML 17Page - TE Connectivity Ltd 640468 Datasheet HTML 18Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
PAGE 14
MTA, CST-100 II and SL-156 Connectors
MTA-100 Flat Headers—Straight and Right-Angle
Straight Post (.025 [0.64] Square)
.200
[5.08]
A
.025
[0.64]
Sq.
.100
[2.54]
Typ.
.050
[1.27]
Typ.
Post No. 1
.295
[7.49]
.100
[2.54]
.140
[3.56]
Ref.
.535
[13.59]
.200
[5.08]
A
.100
[2.54]
.025
[0.64]
Sq.
.050
[1.27]
Typ.
.100
[2.54]
Typ.
.140
[3.56]
Ref.
.295
[7.49]
.062
[1.57]
Post No. 1
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
X= .120 [3.05] min., .240 [6.1] max.
when mated with MTA-100 Connector.
X= .120 [3.05] min., when mated with
CST-100 II Connector.
Right-Angle Post (.025 [0.64] Square)
Base Part Numbers
Straight Posts
Right-Angle Posts
Header
No. of Posts/
Header
No. of Posts/
Part Nos.
RoHS Equiv.
Part Nos.
RoHS Equiv.
Standard UL94V-0, Tin Plated
640452
2–28
640453
2–28
Standard UL94V-0, .000030 [0.00076] Gold Plated
641211
2–28
641212
2–28
32–58
32–58
Standard UL94V-0, .000015 [0.00038] Gold Plated
641122
2–28
641123
2–28
32–58
32–58
.100
[2.54]
Typ.
.050/.040
[1.27/1.02]
Edge of Board
.120
[3.05]
Min.
Dia.
.100
[2.54]
Typ.
.050/.040
[1.27/1.02]
Edge of Board
X
Dia.
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Material and Finish
Housing—UL94V-0 rated, polyester, white
Contacts—Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Note:
1. Post(s) can be omitted for keying purposes.
Specify the desired post(s) to be omitted
using the figure to identify Post No. 1.
2. Gold headers are duplex plated, gold on
mating end of post and tin on the solder tail.
3. To determine header overall length (dim. A)
multiply .100 x the number of posts. Example:
.100 x 10 posts equals 1.000 inch [25.4 mm].
For mateability options, see matrix on
pages 5 and 6.
For mating half visuals, see pages 7, 8
and 24.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number.
Prefixes and suffixes are determined
by the number of post positions in the
header. For example, the complete part
number for a 10-position header with
straight posts would be:
Base number
641211 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-641211-0
All part numbers are the RoHS equivalent
version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-641211–2
thru
28
5-641211-8
See page 8 for an explanation of RoHS lead free
equivalents.
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.
Note: Select load headers (omitted pin headers) are
available upon request. Please contact product engi-
neer or product manager for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com