Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 30 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 30 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 26Page - TE Connectivity Ltd 640468 Datasheet HTML 27Page - TE Connectivity Ltd 640468 Datasheet HTML 28Page - TE Connectivity Ltd 640468 Datasheet HTML 29Page - TE Connectivity Ltd 640468 Datasheet HTML 30Page - TE Connectivity Ltd 640468 Datasheet HTML 31Page - TE Connectivity Ltd 640468 Datasheet HTML 32Page - TE Connectivity Ltd 640468 Datasheet HTML 33Page - TE Connectivity Ltd 640468 Datasheet HTML 34Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
PAGE 30
MTA, CST-100 II and SL-156 Connectors
MTA-156 IDC Connectors—Closed End (continued)
Connector Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and number
of circuits available for the described
connectors.
Prefixes and suffixes are determined by
the number of circuit positions in the
connector. For example, the complete
part number for a 10-position closed end
connector with locking ramp and without
polarizing tabs for 18 AWG wire would be:
Base number
640426 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-640426-0
All part numbers
bold face are the RoHS
equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-640426-2
3
3-640426-3
4
3-640426-4
5
3-640426-5
6
3-640426-6
7
3-640426-7
8
3-640426-8
9
3-640426-9
10
4-640426-0
11
4-640426-1
12
4-640426-2
13
4-640426-3
14
4-640426-4
15
4-640426-5
16
4-640426-6
17
4-640426-7
18
4-640426-8
19
4-640426-9
20
5-640426-0
21
5-640426-1
22
5-640426-2
23
5-640426-3
24
5-640426-4
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.
Base Part Numbers
Closed End with Locking Ramp
Closed End without Locking Ramp
Without Tabs
With Tabs
Without Tabs
With Tabs
Connector Type
Connector
Connector
Connector
Connector
& Wire Size
Standard UL94V-2, Tin Plated
18 AWG
640426
32–54
643817
32–54
640431
32–54
644461
1
32–44
0.8–0.9 mm2
20 AWG
640427
32–54
643818
32–54
640432
32–54
644462
1
32–44
0.5–0.6 mm2
22 AWG
640428
32–54
643819
32–54
640433
32–54
644463
1
32–44
0.3–0.4 mm2
24 AWG
640429
32–54
643820
32–54
640434
32–54
644464
1
32–44
0.2 mm2
26 AWG
640430
32–54
643821
32–54
640435
32–54
—
—
0.12–0.15 mm2
Tape Mounted on Reel UL94V-2, Tin Plated
18 AWG
644878
32–54
640477
32–54
—
—
0.8–0.9 mm2
20 AWG
640473
32–54
640472
32–54
—
—
—
—
0.5–0.6 mm2
22 AWG
640474
32–54
644783
32–54
644791
1
32–44
0.3–0.4 mm2
24 AWG
—
—
—
—
640480
32–54
—
—
0.2 mm2
26 AWG
—
—
—
—
—
—
0.12–0.15 mm2
Standard UL94V-2, .000030 [0.00076] Gold Plated
18 AWG
641217
32–54
644460
1
32–42
641222
32–54
—
—
0.8–0.9 mm 2
20 AWG
641218
32–54
644663
1
32–42
641223
32–54
—
—
0.5–0.6 mm 2
22 AWG
641219
32–54
644662
1
32–42
641224
32–54
644687
1
32–44
0.3–0.4 mm 2
24 AWG
641220
32–54
—
—
641225
32–54
—
—
0.2 mm2
26 AWG
641221
32–54
—
—
641226
32–54
—
—
0.12–0.15 mm2
Standard UL94V-2, .000015 [0.00038] Gold Plated
18 AWG
641148
32–54
644284
1
32–42
641153
32–54
—
—
0.8–0.9 mm2
20 AWG
641149
32–54
—
—
641154
32–54
—
—
0.5–0.6 mm 2
22 AWG
641150
32–54
647478
1
32–42
641155
32–54
—
—
0.3–0.4 mm2
24 AWG
641151
32–54
—
—
641156
32–54
—
—
0.2 mm2
26 AWG
641152
32–54
—
—
641157
32–54
—
—
0.12–0.15 mm2
Standard UL94V-0, Tin Plated (Black in color)
18 AWG
644860
1
32–42
—
—
644502
1
32–42
644082
1
32–42
0.8–0.9 mm2
22 AWG
—
—
—
—
644501
1
32–42
644566
1
32–42
0.3–0.4 mm2
1
Other circuit sizes are available upon request. Minimums may apply.
Note: Blocked circuit configurations are available upon request. Contact product engineer or product
manager fordetails. Minimums may apply.
Part
RoHS
Part
RoHS
Part
RoHS
Part
RoHS
Nos.
Equiv.
Nos.
Equiv.
Nos.
Equiv.
Nos.
Equiv.
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com