Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 39 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 39 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 35Page - TE Connectivity Ltd 640468 Datasheet HTML 36Page - TE Connectivity Ltd 640468 Datasheet HTML 37Page - TE Connectivity Ltd 640468 Datasheet HTML 38Page - TE Connectivity Ltd 640468 Datasheet HTML 39Page - TE Connectivity Ltd 640468 Datasheet HTML 40Page - TE Connectivity Ltd 640468 Datasheet HTML 41Page - TE Connectivity Ltd 640468 Datasheet HTML 42Page - TE Connectivity Ltd 640468 Datasheet HTML 43Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
PAGE 39
MTA, CST-100 II and SL-156 Connectors
MTA-156 Flat Headers—Straight
Material and Finish
Housing—UL94V-0 rated, polyester, white
Posts—Copper alloy, tin plated .000030
[0.00076] or .000015 [0.00038] gold
over nickel
Notes:
1. Post(s) can be omitted for keying purposes. Specify
the desired post(s) to be omitted using the figure
to identify Post No. 1.
2. Gold headers are duplex plated, gold on mating
end of post and tin on the solder tail.
3. .125 [3.18] solder tail lengths are for .062 [1.57]
thick printed circuit boards and .175 [4.45] solder
tail lengths are for .093-.125 [2.36- 3.18] thick print-
ed circuit boards.
4. To determine header overall length (Dim. A), mul-
tiply .156 x the number of posts. Example: .156 x 10
posts equals 1.560 inches [39.62 mm].
For mateability options, see matrix on
pages 27, 28, and 47.
For mating half visuals, see pages 29 thru
32, 49 and 51.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and num-
ber of posts available for the described
headers.
Prefixes and suffixes are determined
by the number of post positions in the
header. For example, the complete part
number for a 10-position header with
square posts and a .125 [3.18] solder tail
length would be:
Base number
640383 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-640383-0
The part numbers in
bold face are the
RoHS equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-640383-2
thru
24
5-640383-4
See page 8 for an explanation of RoHS lead free
equivalents.
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.
Note:
Select load headers (omitted pin headers) are available
upon request. Please contact product engineer or prod-
uct manager for details.
.250
[6.35]
A
.045
[1.14]
.156
[3.96]
[1.98]
Typ.
.078
Typ.
.400
[10.16]
.125
[3.18]
Solder Tail
Length
(See Chart)
.156
[3.96]
Edge of Board
.140
[3.56]
Min.
.125
[3.18]
Post No. 1
Ref.
Recommended Mounting Hole Pattern
for .062 [1.57] Thk. PC Board
Base Part Numbers
Square Posts
Round Posts
.125 [3.18]
.175 [4.45]
.125 [3.18]
.175 [4.45]
Solder tail
Solder tail
Solder tail
Solder tail
Standard UL94V-0, Tin Plated
640383
2–24
644749
2–24
640384
2–24
644750
2–24
Standard UL94V-0, .000030 [0.00076] Gold Plated
641202
32–54
644756
32–54
641203
32–54
Standard UL94V-0, .000015 [0.00038] Gold Plated
641113
32–54
644763
32–54
PC Board Hole Diameters
Square
Round
Post
Post
.080/.070
070/.060
[2.03/1.78]
[1.78/1.52]
PC Board Hole Diameters
Square
Round
Post
Post
[2.03/1.78]
[1.78/1.52]
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com