Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 32 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 32 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 28Page - TE Connectivity Ltd 640468 Datasheet HTML 29Page - TE Connectivity Ltd 640468 Datasheet HTML 30Page - TE Connectivity Ltd 640468 Datasheet HTML 31Page - TE Connectivity Ltd 640468 Datasheet HTML 32Page - TE Connectivity Ltd 640468 Datasheet HTML 33Page - TE Connectivity Ltd 640468 Datasheet HTML 34Page - TE Connectivity Ltd 640468 Datasheet HTML 35Page - TE Connectivity Ltd 640468 Datasheet HTML 36Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
PAGE 32
MTA, CST-100 II and SL-156 Connectors
MTA-156 IDC Connectors—Feed-Thru (continued)
Connector Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and number
of circuits available for the described
connectors.
Prefixes and suffixes are determined by
the number of circuit positions in the
connector. For example, the complete
part number for a 10-position feed-thru
connector with locking ramp and without
polarizing tabs for 18 AWG wire would be:
Base number
640599 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-640599-0
All part numbers
bold face are the RoHS
equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-640599-2
3
3-640599-3
4
3-640599-4
5
3-640599-5
6
3-640599-6
7
3-640599-7
8
3-640599 -8
9
3-640599-9
10
4-640599-0
11
4-640599-1
12
4-640599-2
13
4-640599-3
14
4-640599-4
15
4-640599-5
16
4-640599-6
17
4-640599-7
18
4-640599-8
19
4-640599-9
20
5-640599-0
21
5-640599-1
22
5-640599-2
23
5-640599-3
24
5-640599-4
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.
Base Part Numbers
Feed-Thru with Locking Ramp
Feed-Thru without Locking Ramp
Without Tabs
With Tabs
Without Tabs
With Tabs
Standard UL94V-2, Tin Plated
18 AWG
640599
32–54
644465
1
32–44
640604
32–54
644469
1
32–44
0.8–0.9 mm2
20 AWG
640600
32–54
644466
1
32–44
640605
32–54
644470
1
32–44
0.5–0.6 mm2
22 AWG
640601
32–54
644467
1
32–44
640606
32–54
644471
1
32–44
0.3–0.4 mm2
24 AWG
640602
32–54
644468
1
32–44
640607
32–54
0.2 mm2
26 AWG
640595
32–54
—
—
640608
32–54
—
—
—
—
0.12–0.15 mm2
Tape Mounted on Reel UL94V-2, Tin Plated
18 AWG
641302
32–54
—
—
—
—
0.8–0.9 mm2
20 AWG
—
—
—
—
0.5–0.6 mm2
22 AWG
—
—
—
—
0.3–0.4 mm2
24 AWG
—
—
—
—
0.2 mm2
26 AWG
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.12–0.15 mm2
Standard UL94V-2, .00003 [.00076] Gold Plated
18 AWG
644718
1
32–44
641232
32–54
—
—
0.8–0.9 mm2
20 AWG
—
—
641233
32–54
—
—
0.5–0.6 mm2
22 AWG
644720
1
32–44
641234
32–54
—
—
0.3–0.4 mm2
24 AWG
—
—
641235
32–54
—
—
0.2 mm2
26 AWG
641231
32–54
—
—
641236
32–54
—
—
0.12–0.15 mm2
Standard UL94V-2, .000015 [.00038] Gold Plated
18 AWG
641168
32–54
647479
1
32–42
—
—
0.8–0.9 mm2
20 AWG
—
—
—
—
0.5–0.6 mm2
22 AWG
641170
32–54
647496
1
32–42
641175
32–54
—
—
0.3–0.4 mm2
24 AWG
—
—
—
—
0.2 mm2
26 AWG
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.12–0.15 mm2
Standard UL94V-0, Tin Plated
18 AWG
—
—
—
—
644570
1
32–42
0.8–0.9 mm2
22 AWG
—
—
—
—
0.3–0.4 mm2
1
Other circuit sizes are available upon request. Minimums may apply.
Note: Blocked circuit configurations are available upon request. Contact product engineer or product
manager for details. Minimums may apply.
Connector Type
Connector
Connector
Connector
Connector
& Wire Size
Part
RoHS
Part
RoHS
Part
RoHS
Part
RoHS
Nos.
Equiv.
Nos.
Equiv.
Nos.
Equiv.
Nos.
Equiv.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com