Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640468 Datasheet(PDF) 41 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 41 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 37Page - TE Connectivity Ltd 640468 Datasheet HTML 38Page - TE Connectivity Ltd 640468 Datasheet HTML 39Page - TE Connectivity Ltd 640468 Datasheet HTML 40Page - TE Connectivity Ltd 640468 Datasheet HTML 41Page - TE Connectivity Ltd 640468 Datasheet HTML 42Page - TE Connectivity Ltd 640468 Datasheet HTML 43Page - TE Connectivity Ltd 640468 Datasheet HTML 44Page - TE Connectivity Ltd 640468 Datasheet HTML 45Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
PAGE 41
MTA, CST-100 II and SL-156 Connectors
MTA-156 Friction Lock Headers—Straight
Material and Finish
Housing—UL94V-0 rated, polyester, white
Posts—Copper alloy, tin plated .000030
[0.00076] or .000015 [0.00038] gold
over nickel
Notes:
1. Post(s) can be omitted for keying purposes. Specify
the desired post(s) to be omitted using the figure
to identify Post No. 1.
2. Gold headers are duplex plated, gold on mating
end of post and tin on the solder tail.
3. .125 [3.18] solder tail lengths are for .062 [1.57]
thick printed circuit boards and .175 [4.45] solder
tail lengths are for .093-.125 [2.36- 3.18] thick print-
ed circuit boards.
4. To determine header overall length (Dim. A), mul-
tiply .156 x the number of posts. Example: .156 x 10
posts equals 1.560 inches [39.62 mm].
For mateability options, see matrix on
pages 27, 28, and 47.
For mating half visuals, use connectors
with a locking ramp for polarization/re-
tention purposes, see pages 29 thru 32,
48, 53 and 55.
For polarizing purposes only use connec-
tors without a locking ramp. See pages
29 thru 32, 49 and 51.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and num-
ber of posts available for the described
headers.
Prefixes and suffixes are determined
by the number of post positions in the
header. For example, the complete part
number for a 10-position header with
square posts and a .125 [3.18] solder tail
length would be:
Base number
641208 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-641208-0
All part numbers in
bold face are the
RoHS equivalent version. Example:
No. of
Standard
Lead Free
Pos.
Prefix/Suffix
RoHS
Prefix/Suffix
2
641208-2
3-641208-2
thru
24
2-641208-4
5-641208-4
See page 8 for an explanation of RoHS lead free
equivalents.
.156
[3.96]
.125
[3.18]
.450
.425
[11.43]
Solder tail
Length
(See Chart)
.300
[7.62]
A
.156
[3.96]
.045
[1.14]
.180
[4.57]
.078
[1.98]
Post No. 1
.175
[4.45]
Min.
Edge of Board
Y
[10.8]
Ref.
Typ.
Typ.
Recommended Mounting Hole Pattern for
.062 [1.57] Thk. PC Board
Y = .068 [1.73] Max. 2-8
position tin plated and
2–24 position gold
plated headers.
Y = .073 [1.85] 9-24 position
tin plated headers.
PC Board Hole Diameters
Square
Round
Post
Post
.080/.070
.070/.060
[2.03/1.78]
[1.78/1.52]
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Base Part Numbers
Square Posts
Round Posts
Retentive
.125 [3.18]
.175 [4.45]
.125 [3.18]
.175 [4.45]
Leg
Solder tail
Solder tail
Solder tail
Solder tail
Standard UL94V-0, Tin Plated
1744017
2
640445
2–24
644752
2–24
640388
2–24
644753
2–24
Standard UL94V-0, .000030 [0.00076] Gold Plated
—
—
641208
32–54
644759
32–54
641209
32–54
644760
32–54
Standard UL94V-0, .000015 [0.00038] Gold Plated
—
—
641119
32–54
644766
32–54
641120
32–54
644767
32–54
.068
[1.7]
.400
[10.16]
16° ± 3°
Retentive Leg
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Note: All RoHS equivalent part numbers may not be available upon catalog release. If the number you need is not
available, please contact Product Engineering to expedite your request.
Note:
Select load headers (omitted pin headers) are available upon request. Please contact product engineer or product
manager for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com